Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-0B066PA030SA-M996F09 Datasheet(PDF) 8 Page - Vincotech

Part # 10-0B066PA030SA-M996F09
Description  IGBT3(600V)technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-0B066PA030SA-M996F09 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-0B066PA030SA-M996F09 Datasheet HTML 4Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 5Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 6Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 7Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 8Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 9Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 10Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 11Page - Vincotech 10-0B066PA030SA-M996F09 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
10-0B066PA030SA-M996F09
target datasheet
Copyright Vincotech
8
4 Dec 2014 / Revision 1
Inverter switching characteristics


Similar Part No. - 10-0B066PA030SA-M996F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
More results

Similar Description - 10-0B066PA030SA-M996F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B066PA006SA-M992F09 VINCOTECH-10-0B066PA006SA-M992F09 Datasheet
1Mb / 14P
   IGBT3(600V)technology
10-0B066PA010SA-M993F09 VINCOTECH-10-0B066PA010SA-M993F09 Datasheet
995Kb / 14P
   IGBT3 (600V)technology
10-0B066PA020SA-M995F09 VINCOTECH-10-0B066PA020SA-M995F09 Datasheet
886Kb / 14P
   IGBT3(600V)technology
10-0B066PA015SB-M994F09 VINCOTECH-10-0B066PA015SB-M994F09 Datasheet
953Kb / 14P
   IGBT3(600V) technology
logo
Infineon Technologies A...
SIGC39T60S INFINEON-SIGC39T60S Datasheet
79Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
Edition 2, 26.01.2005
logo
Vincotech
V23990-K204-A-PM VINCOTECH-V23990-K204-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
logo
Infineon Technologies A...
SIGC08T60S INFINEON-SIGC08T60S Datasheet
77Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
26.01.2005
SIGC10T60S INFINEON-SIGC10T60S Datasheet
76Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
26.01.2005
logo
Vincotech
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P825-F-P2-14 VINCOTECH-V23990-P825-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com