Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0603A1890AS Datasheet(PDF) 2 Page - AVX Corporation

Part # CP0603A1890AS
Description  Thin-Film Directional Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0603A1890AS Datasheet(HTML) 2 Page - AVX Corporation

  CP0603A1890AS Datasheet HTML 1Page - AVX Corporation CP0603A1890AS Datasheet HTML 2Page - AVX Corporation CP0603A1890AS Datasheet HTML 3Page - AVX Corporation CP0603A1890AS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
61
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603A0836CS
824 - 849
21±1
CP0603A0881CS
869 - 894
20.5±1
0.25
GSM
CP0603A0902CS
890 - 915
20.5±1
CP0603A0947CS
935 - 960
20±1
E-GSM
CP0603A0897CS
880 - 915
20.5±1
CP0603A0942CS
925 - 960
20±1
PDC
CP0603A1441CS
1429 - 1453
16.5±1
0.40
1.2
PCN
CP0603A1747CS
1710 - 1785
15±1
CP0603A1842CS
1805 - 1880
14.5±1
PCS
CP0603A1880CS
1850 - 1910
14.5±1
CP0603A1960CS
1930 - 1990
14±1
0.5
PHP
CP0603A1907CS
1895 - 1920
14.5±1
DECT
CP0603A1890CS
1880 - 1900
14.5±1
Wireless LAN
CP0603A2442CS
2400 - 2484
12.5±1
0.65
Thin-Film Directional Couplers
CP0603 SMD Type
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603A0836AS
824 - 849
18.5±1
CP0603A0881AS
869 - 894
18.5±1
0.25
GSM
CP0603A0902AS
890 - 915
18±1
CP0603A0947AS
935 - 960
17.5±1
E-GSM
CP0603A0897AS
880 - 915
18±1
CP0603A0942AS
925 - 960
17.5±1
PDC
CP0603A1441AS
1429 - 1453
14±1
0.4
PCN
CP0603A1747AS
1710 - 1785
12.5±1
1.2
CP0603A1842AS
1805 - 1880
12±1
0.6
PCS
CP0603A1880AS
1850 - 1910
12±1
CP0603A1960AS
1930 - 1990
11.5±1
0.65
PHP
CP0603A1907AS
1895 - 1920
12±1
0.6
DECT
CP0603A1890AS
1880 - 1900
12±1
Wireless LAN
CP0603A2442AS
2400 - 2484
10±1
0.85
Coupler P/N CP0603A****AS
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603A0836BS
824 - 849
16±1
CP0603A0881BS
869 - 894
15.5±1
0.25
1.2
GSM
CP0603A0902BS
890 - 915
15.5±1
CP0603A0947BS
935 - 960
15±1
E-GSM
CP0603A0897BS
880 - 915
15.5±1
CP0603A0942BS
925 - 960
15±1
PDC
CP0603A1441BS
1429 - 1453
11.5±1
0.55
PCN
CP0603A1747BS
1710 - 1785
10±1
1.3
CP0603A1842BS
1805 - 1880
9.5±1
PCS
CP0603A1880BS
1850 - 1910
9±1
CP0603A1960BS
1930 - 1990
9±1
0.8
PHP
CP0603A1907BS
1895 - 1920
9±1
1.4
DECT
CP0603A1890BS
1880 - 1900
9±1
Wireless LAN
CP0603A2442BS
2400 - 2484
7.5±1
1.1
Coupler P/N CP0603A****BS
Coupler P/N CP0603A****CS
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0603A0836DS
824 - 849
15.0±1
CP0603A0881DS
869 - 894
14.5±1
0.40
1.2
GSM
CP0603A0902DS
890 - 915
14.5±1
CP0603A0947DS
935 - 960
14±1
E-GSM
CP0603A0897DS
880 - 915
14.5±1
CP0603A0942DS
925 - 960
14±1
PDC
CP0603A1441DS
1429 - 1453
10.5±1
0.7
1.3
PCN
CP0603A1747DS
1710 - 1785
9±1
CP0603A1842DS
1805 - 1880
8.5±1
0.9
PCS
CP0603A1880DS
1850 - 1910
8.5±1
CP0603A1960DS
1930 - 1990
8±1
1.0
1.5
PHP
CP0603A1907DS
1895 - 1920
8.5±1
DECT
CP0603A1890DS
1880 - 1900
8.5±1
Wireless LAN
CP0603A2442DS
2400 - 2484
6.5±1
1.5
Coupler P/N CP0603A****DS
Important: Couplers can be used at any frequency within the indicated range.
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-50
-60
0
-2
-4
-6
-8
-10
-12
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
3.5
CP0603A****AS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-50
-60
0
-2
-4
-6
-8
-10
-12
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
CP0603A****BS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-50
-60
-70
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
3.0
3.5
CP0603A****CS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-50
-60
0
-2
-4
-6
-8
-10
-12
-1
-3
-5
-7
-9
-11
0.5 0.7 0.9 1.1 1.3
Frequency (GHz)
1.5 1.7 1.9 2.1 2.3 2.5
CP0603A****DS
3
61


Similar Part No. - CP0603A1890AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603Q5425ENTR AVX-CP0603Q5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
   Mobile communications
More results

Similar Description - CP0603A1890AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com