Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805A1960AW Datasheet(PDF) 5 Page - AVX Corporation

Part # CP0805A1960AW
Description  Thin-Film Directional Couplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805A1960AW Datasheet(HTML) 5 Page - AVX Corporation

  CP0805A1960AW Datasheet HTML 1Page - AVX Corporation CP0805A1960AW Datasheet HTML 2Page - AVX Corporation CP0805A1960AW Datasheet HTML 3Page - AVX Corporation CP0805A1960AW Datasheet HTML 4Page - AVX Corporation CP0805A1960AW Datasheet HTML 5Page - AVX Corporation CP0805A1960AW Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
68
3
Thin-Film Directional Couplers
CP0805 Layout Types
-50
-40
-30
-20
-10
0
100
200
300
400
500
600
-20
-16
-12
-8
-4
0
-60
-50
-40
-30
-20
-10
0
200
300
400
600
700
800
500
-6
-5
-4
-3
-2
-1
0
I. Loss
Coupling
R. Loss
Isolation
I. Loss
Coupling
R. Loss
Isolation
Frequency (GHz)
Frequency (GHz)
50
OHM
COUP
IN
OUT
50
OHM
COUP
IN
OUT
VHF DIRECTIONAL COUPLER
CP0805L0155ASTR
Sn100 LAYOUT
UHF DIRECTIONAL COUPLER
CP0805L0436BSTR
Sn100 LAYOUT
Important: Couplers can be used at any frequency within the indicated range.
Frequency
Coupling
R. Loss
I. Loss
Directivity
P/N
[MHz]
[dB]
[dB]
max
[dB]
[dB]
CP0805L0155ASTR
155
17.1±1
24
0.35
22
Frequency
Coupling
R. Loss
I. Loss
Directivity
P/N
[MHz]
[dB]
[dB]
max
[dB]
[dB]
CP0805L0436BSTR
403-470
15.85±1
35
0.25
22


Similar Part No. - CP0805A1960AW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805A1960AW AVX-CP0805A1960AW Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805A1960AW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com