Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4027S-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC4027S-E
Description  Bipolar Transistor Converters, inverters, color TV audio output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4027S-E Datasheet(HTML) 4 Page - ON Semiconductor

  2SC4027S-E Datasheet HTML 1Page - ON Semiconductor 2SC4027S-E Datasheet HTML 2Page - ON Semiconductor 2SC4027S-E Datasheet HTML 3Page - ON Semiconductor 2SC4027S-E Datasheet HTML 4Page - ON Semiconductor 2SC4027S-E Datasheet HTML 5Page - ON Semiconductor 2SC4027S-E Datasheet HTML 6Page - ON Semiconductor 2SC4027S-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1552 / 2SC4027
No.2262-4/7
Cob -- VCB
Collector to Base Voltage, VCB -- V
100
10
5
3
2
7
5
3
2
3
25
7
3
25
7
0.01
0.1
2
1.0
ITR03977
ITR03978
10
100
7
5
3
2
7
5
3
3
25
7
3
25
7
1.0
10
100
2SA1552 / 2SC4027
VCE=10V
2SC4027
2SA1552
2SA1552 / 2SC4027
f=1MHz
2SC4027
2SA1552
For PNP minus sign is omitted.
For PNP minus sign is omitted.
f T -- IC
Collector Current, IC -- A
2
3
2
3
5
7
3
5
7
--1000
--100
2
--0.1
--0.01
57
72
3
--1.0
57
23
23
ITR03979
2SA1552
IC / IB=10
Ta=75°C
--25°C
25°
C
2
3
2
3
5
7
3
5
7
1000
100
2
0.1
0.01
57
72
3
1.0
57
23
2
3
ITR03980
2SC4027
IC / IB=10
Ta=75
°C
--25
°C
25
°C
1.0
2
3
5
0.1
0.01
3
2
5
3
2
5
5
57
2
5
37
2
5
37
1.0
10
2
100
ITR03983
2SA1552 / 2SC4027
ITR03982
IT10480
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
5
23
7
52
3
--0.1
--1.0
ITR03981
2SA1552
IC / IB=10
2SC4027
IC / IB=10
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1552 / 2SC4027
Ta=--25°C
75
°C
25
°C
IC=1.5A
ICP=2.5A
1ms
DC
operation
(T
a=25
°C)
Ta= --25
°C
75
°C
25
°C
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
5
23
7
52
3
0.1
1.0
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
S O A
Tc=25
°C
Single Pulse
For PNP minus sign is omitted.
PC -- Ta
Collector to Emitter Voltage, VCE -- V
N
o heat
sink
Ambient Temperature, Ta --
°C


Similar Part No. - 2SC4027S-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4027S-E ONSEMI-2SC4027S-E Datasheet
419Kb / 10P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SC4027S-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
   NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
logo
Samsung semiconductor
KSA1013 SAMSUNG-KSA1013 Datasheet
102Kb / 3P
   PNP (COLOR TV AUDIO OUTPUT)
logo
KEC(Korea Electronics)
KTC4217 KEC-KTC4217 Datasheet
401Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
logo
Samsung semiconductor
KSC2383 SAMSUNG-KSC2383 Datasheet
104Kb / 3P
   NPN (COLOR TV AUDIO OUTPUT, VERTICAL DEFLECFION OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com