Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1419T-TD-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SA1419T-TD-H
Description  Bipolar Transistor High breakdown voltage and large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1419T-TD-H Datasheet(HTML) 4 Page - ON Semiconductor

  2SA1419T-TD-H Datasheet HTML 1Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 2Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 3Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 4Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 5Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 6Page - ON Semiconductor 2SA1419T-TD-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1419 / 2SC3649
No.2007-4/7
f T -- IC
Cob -- VCB
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
A S O
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
ITR03580
ITR03579
2
0.01
57
3
0.1
22
57
3
1.0
2
--0.01
--0.1
57
73
2
--1.0
57
32
3
2
0.01
0.1
57
73
2
1.0
57
32
3
100
10
2
3
5
7
2
3
5
2
1.0
57
3
10
25
7
3
100
10
100
2
3
5
7
3
5
7
--1000
--100
2
3
5
7
2
3
2
3
5
7
ITR03581
2
5
7
1000
2
3
5
7
100
3
2
3
ITR03582
2SC3649
IC / IB=10
2SA1419
IC / IB=10
--25
°C
25
°C
Ta=75
°C
--25
°C
25
°C
Ta=75°C
2SA1419
2SC3649
2SA1419
2SC3649
2SA1419 / 2SC3649
2SA1419 / 2SC3649
ITR03583
--1.0
--10
3
5
7
3
5
7
2
0.01
3
0.1
5
7
5
7
2
3
1.0
5
5
7
2
3
2
7 --0.01
--0.1
57
3
2
--1.0
57
3
23
27 0.01
0.1
57
3
2
1.0
57
3
23
2
1.0
73
2
1.0
10
5
3
7
2
5
3
7
0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
0
20
80
100
60
40
160
140
120
ITR03584
ITR03585
Mounted
on
a
ceramic
board
(250mm
2
0.8mm)
No heat
sink
7
10
53
23
2
7 100
5
ITR03586
1ms
10ms
100ms
DC
operation
For PNP, minus sign is omitted
Single pulse Ta=25
°C
Mounted on a ceramic board (250mm2
✕0.8mm)
2SA1419
IC / IB=10
2SC3649
IC / IB=10
25
°C
75
°C
Ta=--25°C
25
°C
75
°C
Ta=--25°C
2SA1419 / 2SC3649
2SA1419 / 2SC3649
ICP=2.5A
IC=1.5A
For PNP, minus sign is omitted
For PNP, minus sign is omitted


Similar Part No. - 2SA1419T-TD-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1419T-TD-H ONSEMI-2SA1419T-TD-H Datasheet
354Kb / 7P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SA1419T-TD-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com