Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6034G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6034G
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6034G Datasheet(HTML) 1 Page - ON Semiconductor

  2N6034G_13 Datasheet HTML 1Page - ON Semiconductor 2N6034G_13 Datasheet HTML 2Page - ON Semiconductor 2N6034G_13 Datasheet HTML 3Page - ON Semiconductor 2N6034G_13 Datasheet HTML 4Page - ON Semiconductor 2N6034G_13 Datasheet HTML 5Page - ON Semiconductor 2N6034G_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 15
1
Publication Order Number:
2N6035/D
2N6034G, 2N6035G,
2N6036G (PNP),
2N6038G,2N6039G (NPN)
Plastic Darlington
Complementary Silicon
Power Transistors
Plastic Darlington complementary silicon power transistors are
designed for general purpose amplifier and low−speed switching
applications.
Features
ESD Ratings: Machine Model, C; > 400 V
Human Body Model, 3B; > 8000 V
Epoxy Meets UL 94 V−0 @ 0.125 in
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N6034G
2N6035G, 2N6038G
2N6036G, 2N6039G
VCEO
40
60
80
Vdc
Collector−Base Voltage
2N6034G
2N6035G, 2N6038G
2N6036G, 2N6039G
VCBO
40
60
80
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
4.0
Adc
Collector Current − Peak
ICM
8.0
Apk
Base Current
IB
100
mAdc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
40
320
W
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.12
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
83.3
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
4.0 AMPERES DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
40, 60, 80 VOLTS, 40 WATTS
Y
= Year
WW
= Work Week
2N603x
= Device Code
x = 4, 5, 6, 8, 9
G
= Pb−Free Package
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
TO−225
CASE 77−09
STYLE 1
1
2 3
YWW
2
N603xG
COLLECTOR 2, 4
BASE
3
EMITTER 1
COLLECTOR 2, 4
BASE
3
EMITTER 1
NPN
PNP
2N6038
2N6034
2N6039
2N6035
2N6036


Similar Part No. - 2N6034G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6034G ONSEMI-2N6034G Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
More results

Similar Description - 2N6034G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com