Electronic Components Datasheet Search |
|
IRF7455PBF-1 Datasheet(PDF) 1 Page - International Rectifier |
|
IRF7455PBF-1 Datasheet(HTML) 1 Page - International Rectifier |
1 / 8 page SMPS MOSFET Typical SMPS Topologies l Telecom 48V Input Converters with Logic-Level Driven Synchronous Rectifiers Notes through are on page 8 HEXFET® Power MOSFET Applications l High Frequency DC-DC Converters with Synchronous Rectification SO-8 Top View 8 1 2 3 4 5 6 7 D D D D G S A S S A IRF7455PbF-1 Symbol Parameter Typ. Max. Units RθJA Junction-to-Ambient ––– 50 °C/W Thermal Resistance Features Benefits Industry-standard pinout SO-8 Package ⇒ Multi-Vendor Compatibility Compatible with Existing Surface Mount Techniques Easier Manufacturing RoHS Compliant, Halogen-Free Environmentally Friendlier MSL1, Industrial qualification Increased Reliability Absolute Maximum Ratings Symbol Parameter Max. Units VDS Drain-Source Voltage 30 V VGS Gate-to-Source Voltage ± 12 V ID @ TA = 25°C Continuous Drain Current, VGS @ 10V 15 ID @ TA = 70°C Continuous Drain Current, VGS @ 10V 12 A IDM Pulsed Drain Current 120 PD @TA = 25°C Maximum Power Dissipation 2.5 W PD @TA = 70°C Maximum Power Dissipation 1.6 W Linear Derating Factor 0.02 W/°C TJ , TSTG Junction and Storage Temperature Range -55 to + 150 °C Form Quantity Tube/Bulk 95 IRF7455PbF-1 Tape and Reel 4000 IRF7455TRPbF-1 Package Type Standard Pack Orderable Part Number IRF7455PbF-1 SO-8 Base Part Number VDS 30 V RDS(on) max (@VGS = 10V) 0.0075 Qg (typical) 37 nC ID (@TA = 25°C) 15 A Ω 1 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback November 20, 2013 |
Similar Part No. - IRF7455PBF-1 |
|
Similar Description - IRF7455PBF-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |