Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7425PBF-1 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7425PBF-1
Description  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7425PBF-1 Datasheet(HTML) 1 Page - International Rectifier

  IRF7425PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7425PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
SO-8
IRF7425PbF-1
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-15
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-12
A
IDM
Pulsed Drain Current

-60
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Form
Quantity
Tube/Bulk
95
IRF7425PbF-1
Tape and Reel
4000
IRF7425TRPbF-1
Package Type
Standard Pack
Orderable Part Number
IRF7425PbF-1
SO-8
Base Part Number
Features
Benefits
Industry-standard pinout SO-8 Package
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial qualification
Increased Reliability
VDS
-20
V
RDS(on) max
(@VGS = -4.5V)
8.2
RDS(on) max
(@VGS = -2.5V)
13
Qg (typical)
87
nC
ID
(@TA = 25°C)
-15
A
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 20, 2013


Similar Part No. - IRF7425PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7425PBF IRF-IRF7425PBF Datasheet
152Kb / 9P
   HEXFET Power MOSFET
IRF7425PBF IRF-IRF7425PBF Datasheet
157Kb / 9P
   Ultra Low On-Resistance
IRF7425PBF IRF-IRF7425PBF Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7425PBF IRF-IRF7425PBF_15 Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7425PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com