Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7379PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7379PBF
Description  Generation V Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7379PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7379PBF_15 Datasheet HTML 1Page - International Rectifier IRF7379PBF_15 Datasheet HTML 2Page - International Rectifier IRF7379PBF_15 Datasheet HTML 3Page - International Rectifier IRF7379PBF_15 Datasheet HTML 4Page - International Rectifier IRF7379PBF_15 Datasheet HTML 5Page - International Rectifier IRF7379PBF_15 Datasheet HTML 6Page - International Rectifier IRF7379PBF_15 Datasheet HTML 7Page - International Rectifier IRF7379PBF_15 Datasheet HTML 8Page - International Rectifier IRF7379PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
10/7/04
SO-8
l Generation V Technology
l Ultra Low On-Resistance
l Complimentary Half Bridge
l Surface Mount
l Fully Avalanche Rated
IRF7379PbF
Description
N-Ch
P-Ch
VDSS
30V
-30V
RDS(on) 0.045Ω 0.090Ω
www.irf.com
1
Parameter
Units
A
Absolute Maximum Ratings
Thermal Resistance Ratings
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
50
°C/W
Max.
N-Channel
P-Channel
VSD
Drain-to-Source Voltage
30
-30
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.8
-4.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.6
-3.4
IDM
Pulsed Drain Current

46
-34
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
-5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
PD - 95300
l Lead-Free


Similar Part No. - IRF7379PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7379PBF IRF-IRF7379PBF Datasheet
219Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF7379PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com