Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7343QPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7343QPBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7343QPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7343QPBF Datasheet HTML 1Page - International Rectifier IRF7343QPBF Datasheet HTML 2Page - International Rectifier IRF7343QPBF Datasheet HTML 3Page - International Rectifier IRF7343QPBF Datasheet HTML 4Page - International Rectifier IRF7343QPBF Datasheet HTML 5Page - International Rectifier IRF7343QPBF Datasheet HTML 6Page - International Rectifier IRF7343QPBF Datasheet HTML 7Page - International Rectifier IRF7343QPBF Datasheet HTML 8Page - International Rectifier IRF7343QPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Ch
P-Ch
VDSS 55V
-55V
RDS(on) 0.050Ω 0.105Ω
HEXFET® Power MOSFET
08/09/10
IRF7343QPBF
Description
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Max.
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
55
-55
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.7
-3.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.8
-2.7
IDM
Pulsed Drain Current 
38
-27
PD@TA = 25°C
Maximum Power Dissipation
…
2.0
W
PD@TA = 70°C
Maximum Power Dissipation
…
1.3
W
EAS
Single Pulse Avalanche Energyƒ
72
114
mJ
IAR
Avalanche Current
4.7
-3.4
A
EAR
Repetitive Avalanche Energy
0.20
mJ
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
A
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
62.5
°C/W
Thermal Resistance
www.irf.com
1
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dual N and P Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Lead-Free
These HEXFET® Power MOSFET's in a Dual SO-8 package
utilize the lastest processing techniques to achieve extremely
low on-resistance per silicon area. Additional features of
these HEXFET Power MOSFET's are a 150°C junction
operating temperature, fast switching speed and improved
repetitive avalanche rating.These benefits combine to make
this design an extremely efficient and reliable device for use
in a wide variety of applications.
The efficient SO-8 package provides enhanced thermal
characteristics and dual MOSFET die capability making it
ideal in a variety of power applications. This dual, surface
mount SO-8 can dramatically reduce board space and is
also available
in Tape & Reel.
SO-8
PD - 96110A


Similar Part No. - IRF7343QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7343QPBF IRF-IRF7343QPBF Datasheet
238Kb / 10P
   HEXFET Power MOSFET
IRF7343QPBF IRF-IRF7343QPBF Datasheet
226Kb / 10P
   HEXFET POWER MOSFET
IRF7343QPBF IRF-IRF7343QPBF_10 Datasheet
226Kb / 10P
   HEXFET POWER MOSFET
More results

Similar Description - IRF7343QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com