Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7343QPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7343QPBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7343QPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7343QPBF_15 Datasheet HTML 2Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 3Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 4Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 5Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 6Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 7Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 8Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 9Page - International Rectifier IRF7343QPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7343QPbF
www.irf.com
7
Fig 16. Normalized On-Resistance
Vs.Temperature
Fig 19. Maximum Avalanche Energy
Vs. Drain Current
Fig 17. Typical On-Resistance Vs. Drain
Current
Fig 18. Typical On-Resistance Vs. Gate
Voltage
P-Channel
0
2
4
6
8
10
12
0.080
0.120
0.160
0.200
0.240
-I , Drain Current (A)
D
VGS = -4.5V
VGS = -10V
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-3.4 A
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.5A
-2.7A
-3.4A
0.05
0.15
0.25
0.35
0.45
25
8
11
14
A
GS
-V
, Gate-to-Source Voltage (V)
I
= -3.4 A
D


Similar Part No. - IRF7343QPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7343QPBF IRF-IRF7343QPBF_10 Datasheet
226Kb / 10P
   HEXFET POWER MOSFET
More results

Similar Description - IRF7343QPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com