Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7342D2PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7342D2PBF
Description  Ideal For Buck Regulator Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342D2PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF7342D2PBF_15 Datasheet HTML 3Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 4Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 5Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 6Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 7Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 8Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 9Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 10Page - International Rectifier IRF7342D2PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF7342D2PbF
www.irf.com
9
Fig.21 - Maximum Allowable Ambient
Temp. Vs. Forward Current
Fig 20. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Schottky Diode Characteristics
Note (4) Formula used: T
C = TJ - (Pd + PdREV) x RthJA ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) ;
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
0
1
2
3
4
5
6
Average Forward Current - IF(AV)(A)
0
20
40
60
80
100
120
140
160
180
Square wave ( D = 0.50)
80 % Rated VR applied
DC
see note (4)
RthJA = 62.5 °C/W


Similar Part No. - IRF7342D2PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
More results

Similar Description - IRF7342D2PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
IRF7321D2PBF IRF-IRF7321D2PBF_15 Datasheet
214Kb / 8P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com