Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7324PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7324PBF-1
Description  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7324PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7324PBF-1 Datasheet HTML 1Page - International Rectifier IRF7324PBF-1 Datasheet HTML 2Page - International Rectifier IRF7324PBF-1 Datasheet HTML 3Page - International Rectifier IRF7324PBF-1 Datasheet HTML 4Page - International Rectifier IRF7324PBF-1 Datasheet HTML 5Page - International Rectifier IRF7324PBF-1 Datasheet HTML 6Page - International Rectifier IRF7324PBF-1 Datasheet HTML 7Page - International Rectifier IRF7324PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7324TRPbF-1
2
www.irf.com © 2014International Rectifier
Submit Datasheet Feedback
October 16, 2014
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
180 270
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
300 450
nC
di/dt = -100A/μs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
-71
-2.0
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250μA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– -0.02 –––
V/°C Reference to 25°C, ID = -1mA
––– ––– 0.018
VGS = -4.5V, ID = -9.0A
‚
––– ––– 0.026
VGS = -2.5V, ID = -7.7A
‚
VGS(th)
Gate Threshold Voltage
-0.45 ––– -1.0
V
VDS = VGS, ID = -250μA
gfs
Forward Transconductance
19
–––
–––
S
VDS = -10V, ID = -9.0A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– –––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
–––
42
63
ID = -9.0A
Qgs
Gate-to-Source Charge
–––
7.1
11
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
18
VGS = -5.0V
td(on)
Turn-On Delay Time
–––
17
–––
VDD = -10V
tr
Rise Time
–––
36
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
––– 170
–––
RG = 6.0
Ω
tf
Fall Time
––– 190
–––
RD = 10
Ω
‚
Ciss
Input Capacitance
––– 2940 –––
VGS = 0V
Coss
Output Capacitance
––– 630
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
––– 420
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 300μs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 10sec.
S
D
G


Similar Part No. - IRF7324PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7324PBF IRF-IRF7324PBF Datasheet
164Kb / 8P
   HEXFET Power MOSFET(-20V, 0.018ohm)
IRF7324PBF IRF-IRF7324PBF Datasheet
169Kb / 8P
   Trench Technology
IRF7324PBF IRF-IRF7324PBF Datasheet
169Kb / 8P
   Ultra Low On-Resistance
IRF7324PBF IRF-IRF7324PBF_15 Datasheet
169Kb / 8P
   Ultra Low On-Resistance
More results

Similar Description - IRF7324PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com