Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC3535-WDRGB1 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLC3535-WDRGB1
Description  PLCC6 SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC3535-WDRGB1 Datasheet(HTML) 2 Page - P-tec Corporation

  PLC3535-WDRGB1 Datasheet HTML 1Page - P-tec Corporation PLC3535-WDRGB1 Datasheet HTML 2Page - P-tec Corporation PLC3535-WDRGB1 Datasheet HTML 3Page - P-tec Corporation PLC3535-WDRGB1 Datasheet HTML 4Page - P-tec Corporation PLC3535-WDRGB1 Datasheet HTML 5Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
www.p-tec.net
102914 Rev1 MS
Page 2 of 5
Device Selection Guide
Model Number
Emitting Color
PLC3535-WDRGB1
Red
Green
Blue
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
Rating
Unit
Red
Green
Blue
Power Dissipation
PD
120
108
108
mW
Forward Current
IF
50
30
30
mA/
Peak Forward Current
IFP
100
100
100
mA
Reverse Voltage
VR
5
5
5
V
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Junction Temperature
TJ
100
*Tolerance of Forward Voltage measurement: ±0.05V
Electrical and Optical Characteristics at Ta=25
Item
Materials
Package
Heat-Resistant Polymer
Electrodes
Black
Encapsulating Resin
Silicone Resin (with Diffuser)
Package Upper Surface Color
Ag Plating Copper Alloy
Parameter
Symbol
Red
Green
Blue
Unit
Condition
Forward Voltage
VF (avg)
2.2
3.2
3.2
V
IF=20mA
VF (max)
2.4
3.6
3.6
Wavelength
λD
619-624
520-535
465-475
nm
Spectrum Radiation Bandwidth
Δλ1/2
nm
Luminous Intensity
lv (avg)
700
1600
350
mcd
lv (min)
500
1130
290
Reverse Current
IR
10
10
10
μA
VR=5V


Similar Part No. - PLC3535-WDRGB1

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC3528-WCA11 P-TEC-PLC3528-WCA11 Datasheet
2Mb / 15P
   Single Color Surface Mount LED
PLC3528-WCB01 P-TEC-PLC3528-WCB01 Datasheet
2Mb / 14P
   Single Color Surface Mount LED
PLC3528-WCG05 P-TEC-PLC3528-WCG05 Datasheet
3Mb / 17P
   Single Color Surface Mount LED
PLC3528-WCR05 P-TEC-PLC3528-WCR05 Datasheet
2Mb / 15P
   Single Color Surface Mount LED
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
   Compatible lead-free reflow solderingprocess
More results

Similar Description - PLC3535-WDRGB1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Cree, Inc
CLP6S-WKW CREE-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   PLCC6 SMD LED
CLP6S-WKW MARKTECH-CLP6S-WKW Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com