Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCO190-450ATY Datasheet(PDF) 2 Page - RF Micro Devices

Part # VCO190-450ATY
Description  5V NARROWBAND VOLTAGE CONTROLLED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VCO190-450ATY Datasheet(HTML) 2 Page - RF Micro Devices

  VCO190-450ATY Datasheet HTML 1Page - RF Micro Devices VCO190-450ATY Datasheet HTML 2Page - RF Micro Devices VCO190-450ATY Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
VCO190-450ATY
DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature
-35 to +85
°C
Storage Temperature
-55 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
400
450
500
MHz
Tuning Voltage
1
1.8
VDC
400MHz
8.4
9
VDC
500MHz
Tuning Sensitivity
12
15
24
MHz/V
Output Power
-3
0
3
dBm
Output Phase Noise
-109
-103
dBc/Hz
10kHz
-132
-126
dBc/Hz
100kHz
Harmonic Suppression
-12
-8
dBc
2nd harmonic
-20
-10
dBc
3rd harmonic
Spurious (Non-Harmonic)
-80
dBc
Frequency Pushing
0.7
1.5
MHz p-p
4.75V to 5.25V
Frequency Pulling
0.6
1
MHz p-p
12dB RL
Tuning Port Capacitance
220
pF
Output Impedance
50
Power Supply
Operating Voltage
4.75
5
5.25
V
Supply Current
10
14
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - VCO190-450ATY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCO190-450AT ETC-VCO190-450AT Datasheet
262Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO190-450ATY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
VCO190-250TY RFMD-VCO190-250TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-775TY RFMD-VCO190-775TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-2275TY RFMD-VCO190-2275TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-360TY RFMD-VCO190-360TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-1007UY RFMD-VCO190-1007UY Datasheet
260Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-1275TY RFMD-VCO190-1275TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-150TY RFMD-VCO190-150TY Datasheet
276Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-2200TY RFMD-VCO190-2200TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-2600ATY RFMD-VCO190-2600ATY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-2925TY RFMD-VCO190-2925TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
VCO190-900TY RFMD-VCO190-900TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com