Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN19020DG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTN19020DG
Description  20V NPN HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN19020DG Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTN19020DG_15 Datasheet HTML 1Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 2Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 3Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 4Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 5Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 6Page - Diodes Incorporated ZXTN19020DG_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTN19020DG
Document Number DS33678 Rev. 2 - 2
1 of 7
www.diodes.com
June 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN19020DG
20V NPN HIGH GAIN TRANSISTOR IN SOT223
Features
BVCEX > 70V
BVCEO > 20V
BVECO > 4.5V
IC = 9A High Continuous Current
Low Saturation Voltage VCE(sat) < 35mV @ 1A
RCE(sat) = 20mΩ
Complementary PNP Type: ZXTP19020DG
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic,
“Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Applications
PSU Start-Up Circuit
DC-DC Converters
Motor Drive
Relay, Lamp and Solenoid Drive
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTN19020DGTA
AEC-Q101
ZXTN19020D
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
C
E
C
B
ZXTN19
020D
ZXTN19020D = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)


Similar Part No. - ZXTN19020DG_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19020DGTA ZETEX-ZXTN19020DGTA Datasheet
343Kb / 8P
   20V NPN high gain transistor
logo
Diodes Incorporated
ZXTN19020DGTA DIODES-ZXTN19020DGTA Datasheet
350Kb / 8P
   20V NPN high gain transistor in SOT223
More results

Similar Description - ZXTN19020DG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19020DG DIODES-ZXTN19020DG Datasheet
350Kb / 8P
   20V NPN high gain transistor in SOT223
ZXTN25020DG DIODES-ZXTN25020DG Datasheet
224Kb / 6P
   20V NPN high gain transistor in SOT223
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
ZXTP19020DG DIODES-ZXTP19020DG_15 Datasheet
845Kb / 7P
   20V PNP HIGH GAIN TRANSISTOR IN SOT223
ZXTP25020DG DIODES-ZXTP25020DG Datasheet
341Kb / 8P
   20V PNP high gain transistor in SOT223
ZXTP19020DG DIODES-ZXTP19020DG Datasheet
344Kb / 8P
   20V PNP high gain transistor in SOT223
ZXTN25100DG DIODES-ZXTN25100DG Datasheet
338Kb / 8P
   100V NPN high gain transistor in SOT223
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
   20V NPN high gain transistor in SOT89
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
   20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
   20V NPN high gain transistor in SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com