Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M32000D4BFP-80 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D4BFP-80 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M32000D4BFP-80 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
11
Condition bit register
The condition bit register (CBR) is a separate read-only register which
contains a copy of the current value of the condition bit (C) in the
PSW. An attempt to write to the CBR with the MVTC instruction is
ignored.
Interrupt stack pointer, User stack pointer
The interrupt stack pointer (SPI) and the user stack pointer (SPU)
retain the current stack address. The SPI and SPU can be accessed
as the general-purpose register R15. R15 switches between repre-
senting the SPI and SPU depending on the value of the stack mode
bit (SM) in the PSW.
Backup PC
The backup PC (BPC) is the register where a copy of the PC value is
saved when EIT occurs. Bit 31 is fixed at "0". When EIT occurs, the
PC value immediately before EIT occurrence or that of the next in-
struction is set. The value of the BPC is reloaded to the PC when the
RTE instruction is executed. However, the values of the lower 2 bits
of the PC become "00" on returning (It always returns to the word
boundary).
31
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CBR
C
0
0
0
0
0
31
0
BPC
BPC
0
Fig. 4 Condition bit register, interrupt stack pointer, user stack pointer and backup PC
31
0
SPI
SPU
SPU
31
0
SPI


Similar Part No. - M32000D4BFP-80

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
M32000D4AFP MITSUBISHI-M32000D4AFP Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
More results

Similar Description - M32000D4BFP-80

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com