Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP26020DMF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP26020DMF
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMF Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP26020DMF_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMF_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMF_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMF_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMF_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMF_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
3 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
Electrical Characteristics (at TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-20
V
IC = -100μA, IE = 0A
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-20
V
IC = -10mA, IB = 0A
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
V
IE = -100μA, IC = 0A
Collector Cutoff Current
Icbo
-100
-0.5
nA
μA
VCB = -20V, IE = 0A
VCB = -20V, IE = 0A,TA = 125°C
Emitter Cutoff Current
Ices
-100
nA
VCE = -20V, VBE = 0V
Base Cutoff Current
Iebo
-50
nA
VBE = -6V, IC = 0A
DC Current Gain (Note 5)
hFE
300
235
175
140
VCE = -2V, IC = -100mA
VCE = -2V, IC = -0.5A
VCE = -2V, IC = -1A
VCE = -2V, IC = -1.5A
Collector-Emitter Saturation Voltage (Note 5)
VCE(SAT)
-80
-100
-155
-235
mV
mV
mV
mV
IC = -100mA, IB = -1mA
IC = -500mA, IB = -50mA
IC = -1A, IB = -50mA
IC = -1.25A, IB = -62.5mA
Equivalent On-Resistance
RCE(SAT)
125
m
IC = -1A, IB = -50mA
Base-Emitter Turn-On Voltage
VBE(ON)
-1.1
V
VCE = -5V, IC = -1A
Base-Emitter Saturation Voltage
VBE(SAT)
-1.15
V
IC = -1A, IB = -50mA
Output Capacitance (Note 5)
Cobo
20
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
200
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
60
ns
VCC = -10V, IC = -1A
IB2 = -IB1 = -50mA
Delay Time
td
20
ns
Rise Time
tr
40
ns
Turn-Off Time
toff
167
ns
Storage Time
ts
140
ns
Fall Time
tf
27
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - ZXTP26020DMF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP26020DMFTA DIODES-ZXTP26020DMFTA Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
More results

Similar Description - ZXTP26020DMF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
   20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
   20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
ZXTP56020FDBQ DIODES-ZXTP56020FDBQ Datasheet
407Kb / 7P
   20V DUAL PNP LOW VCE(SAT) TRANSISTOR
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com