Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP25040DFL Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP25040DFL
Description  40V PNP LOW POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25040DFL Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP25040DFL_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP25040DFL_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTP25040DFL
Document Number: DS33754 Rev. 4 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP25040DFL
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1m
10m
100m
1
10
10m
100m
1
10m
100m
1
0.0
0.1
0.2
0.3
0.4
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
500
600
700
800
I
C
/I
B
=100
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=50
I
C
/I
B
=20
I
C
/I
B
=10
- I
C
Collector Current (A)
100°C
V
BE(SAT)
v I
C
I
C
/I
B
=10
150°C
25°C
-55°C
- I
C
Collector Current (A)
150°C
h
FE
v I
C
V
CE
=2V
-55°C
25°C
100°C
- I
C
Collector Current (A)
150°C
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=10
100°C
-55°C
- I
C
Collector Current (A)
150°C
V
BE(ON)
v I
C
V
CE
=2V
100°C
25°C
-55°C
- I
C
Collector Current (A)


Similar Part No. - ZXTP25040DFL_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFLTA ZETEX-ZXTP25040DFLTA Datasheet
385Kb / 8P
   40V, SOT23, PNP low power transistor
logo
Diodes Incorporated
ZXTP25040DFLTA DIODES-ZXTP25040DFLTA Datasheet
396Kb / 8P
   40V, SOT23, PNP low power transistor
More results

Similar Description - ZXTP25040DFL_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP25040DFL DIODES-ZXTP25040DFL Datasheet
396Kb / 8P
   40V, SOT23, PNP low power transistor
logo
Zetex Semiconductors
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
   40V, SOT23, PNP low power transistor
logo
Diodes Incorporated
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT23
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
   40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com