Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC762A-WCY04 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLC762A-WCY04
Description  Piranha LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC762A-WCY04 Datasheet(HTML) 2 Page - P-tec Corporation

  PLC762A-WCY04 Datasheet HTML 1Page - P-tec Corporation PLC762A-WCY04 Datasheet HTML 2Page - P-tec Corporation PLC762A-WCY04 Datasheet HTML 3Page - P-tec Corporation PLC762A-WCY04 Datasheet HTML 4Page - P-tec Corporation PLC762A-WCY04 Datasheet HTML 5Page - P-tec Corporation PLC762A-WCY04 Datasheet HTML 6Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
www.p-tec.net
100814 Rev0 JAS
Page 2 of 6
Device Selection Guide
Chip
Model Number
Material
Emitting Color
PLC762A-WCY04
AlInGaP
Yellow
Absolute Maximum Ratings at Ta=25°C
Electrical and Optical Characteristics at Ta=25°C
Rating
Parameter
Symbol
Y
Unit
Power Dissipation
PAD
300
mW
Continuous Forward Current
IAF
100
mA
Peak Current (duty cycle 1/10, 1KHz)
IPF
120
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30~+80
 
°C
Storage Temperature
Tstg
-40~+100
 
°C
Soldering Conditions
Max. 260℃ for 5 sec Max.(3mm from the epoxy body)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
--
2.4
3.0
V
Luminous Flux
Iv
5000
8000
--
mlm
Dominant Wavelength
λD
--
590
--
nm
Viewing Angle
2
θ1/2
--
70
--
deg
IF=30mA
Reverse Current
IR
--
--
50
μA
VR=5V


Similar Part No. - PLC762A-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC762A-WCR04 P-TEC-PLC762A-WCR04 Datasheet
381Kb / 6P
   High Luminous Output
More results

Similar Description - PLC762A-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC760-WCG04 P-TEC-PLC760-WCG04 Datasheet
367Kb / 6P
   Piranha LED
PLC761-WCB04 P-TEC-PLC761-WCB04 Datasheet
348Kb / 6P
   Piranha LED
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
   Piranha LED
PLC764-WCB04 P-TEC-PLC764-WCB04 Datasheet
361Kb / 6P
   Piranha LED
PLC760-WCB04 P-TEC-PLC760-WCB04 Datasheet
337Kb / 6P
   Piranha LED
PLC763-WCW04 P-TEC-PLC763-WCW04 Datasheet
498Kb / 7P
   Piranha LED
PLC760A-WCY04 P-TEC-PLC760A-WCY04 Datasheet
357Kb / 6P
   Piranha LED
PLC761A-WCY04 P-TEC-PLC761A-WCY04 Datasheet
388Kb / 6P
   Piranha LED
PLC761-WCG04 P-TEC-PLC761-WCG04 Datasheet
397Kb / 6P
   Piranha LED
PLC762-WCG04 P-TEC-PLC762-WCG04 Datasheet
387Kb / 6P
   Piranha LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com