Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP2006E6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP2006E6
Description  20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2006E6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP2006E6_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 7Page - Diodes Incorporated ZXTP2006E6_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP2006E6
ISSUE 1 - JUNE 2005
2
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-25
V
Collector-emitter voltage
BVCEO
-20
V
Emitter-base voltage
BVEBO
-7.5
V
Continuous collector current
IC
-3.5
A
Peak pulse current
ICM
-10
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
1.1
8.8
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
1.7
13.6
W
mW/°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
113
°C/W
Junction to ambient
(b)
R JC
73
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) As above measured at t<5 seconds.
THERMAL RESISTANCE


Similar Part No. - ZXTP2006E6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2006E6 DIODES-ZXTP2006E6_16 Datasheet
362Kb / 7P
   20V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
More results

Similar Description - ZXTP2006E6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2006E6 ZETEX-ZXTP2006E6 Datasheet
95Kb / 8P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Diodes Incorporated
ZX5T2E6 DIODES-ZX5T2E6_15 Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZX5T2E6 DIODES-ZX5T2E6 Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Zetex Semiconductors
ZX5T2E6 ZETEX-ZX5T2E6 Datasheet
103Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFH DIODES-ZXTP25020CFH Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com