Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC5C-WCW01 Datasheet(PDF) 6 Page - P-tec Corporation

Part # PLC5C-WCW01
Description  5mm (T1 3/4) Round Thru-Hole LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC5C-WCW01 Datasheet(HTML) 6 Page - P-tec Corporation

  PLC5C-WCW01 Datasheet HTML 1Page - P-tec Corporation PLC5C-WCW01 Datasheet HTML 2Page - P-tec Corporation PLC5C-WCW01 Datasheet HTML 3Page - P-tec Corporation PLC5C-WCW01 Datasheet HTML 4Page - P-tec Corporation PLC5C-WCW01 Datasheet HTML 5Page - P-tec Corporation PLC5C-WCW01 Datasheet HTML 6Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 
 
www.p-tec.net
070314 Rev0 MS
Page 6 of 6
Record Of Revisions
Rev.
Comments
Page
Date
0
Released Spec
--
07/03/14
Customer Approval
Signatures
Approved By
Checked By
Prepared By


Similar Part No. - PLC5C-WCW01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC5C-WCW01 P-TEC-PLC5C-WCW01_14 Datasheet
753Kb / 6P
   5mm (T1 3/4) Round Thru-Hole LED
More results

Similar Description - PLC5C-WCW01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC5C-WCW01 P-TEC-PLC5C-WCW01_14 Datasheet
753Kb / 6P
   5mm (T1 3/4) Round Thru-Hole LED
logo
American Bright OPTOELE...
BL-B3134N-1-L AMERICANBRIGHT-BL-B3134N-1-L Datasheet
125Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.2.0
BL-B3134N-1 AMERICANBRIGHT-BL-B3134N-1 Datasheet
125Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.2.0
BL-B3134N AMERICANBRIGHT-BL-B3134N Datasheet
121Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.2.0
BL-B3337N AMERICANBRIGHT-BL-B3337N Datasheet
118Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.1.0
BL-B4334C AMERICANBRIGHT-BL-B4334C Datasheet
110Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.1.0
BL-B4334N-1 AMERICANBRIGHT-BL-B4334N-1 Datasheet
122Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.1.0
BL-B2134J AMERICANBRIGHT-BL-B2134J Datasheet
99Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.1.0
BL-B2434-1 AMERICANBRIGHT-BL-B2434-1 Datasheet
121Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.1.0
BL-B2131E-AT AMERICANBRIGHT-BL-B2131E-AT Datasheet
137Kb / 3P
   Round – 5mm (T1 3/4) LED Components
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com