Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFXF0006 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFXF0006
Description  45MHz to 1200MHz Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF0006 Datasheet(HTML) 4 Page - RF Micro Devices

  RFXF0006 Datasheet HTML 1Page - RF Micro Devices RFXF0006 Datasheet HTML 2Page - RF Micro Devices RFXF0006 Datasheet HTML 3Page - RF Micro Devices RFXF0006 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140307
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 4
RFXF0006
Package Outline, Pin Out and Branding Drawing (Dimensions in inches [millimeters])
Pin Names and Descriptions
Pin
Name
Description
1
PRIMARY DOT
Input (Port 1)
2
PRIMARY
Ground
3
SECONDARY DOT
Output (Port 3)
4
SECONDARY
Output (Port 2)


Similar Part No. - RFXF0006

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFXF0006 QORVO-RFXF0006 Datasheet
681Kb / 8P
   45-1218 MHz GaAs/GaN Power Doubler Module
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSB QORVO-RFXF0006HSB Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSQ QORVO-RFXF0006HSQ Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSR QORVO-RFXF0006HSR Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF0006

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
   45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
   45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
   45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
   45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
   GaAs Optical Receiver 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
logo
RF Micro Devices
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
logo
Qorvo, Inc
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com