Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM2066ZPCK-EVB2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SZM2066ZPCK-EVB2
Description  2.4GHz to 2.7GHz 2W POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM2066ZPCK-EVB2 Datasheet(HTML) 2 Page - RF Micro Devices

  SZM2066ZPCK-EVB2 Datasheet HTML 1Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 2Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 3Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 4Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 5Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 6Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 7Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 8Page - RF Micro Devices SZM2066ZPCK-EVB2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 of 18
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-2066Z
Typical Performance with appropriate app circuit (VCC=5V, ICQ=583mA, *802.11g 54Mb/s 64QAM)
Simplified Device Schematic
Absolute Maximum Ratings
Parameter
Rating
Unit
VC3 Collector Bias Current (IVC3)
1500
mA
VC2 Collector Bias Current (IVC2)
500
mA
VC1 Collector Bias Current (IVC1)150
mA
****Device Voltage (VD)9.0
V
Power Dissipation
6
W
***Max CW RF output Power for
50W continuous long term oper-
ation
30
dBm
Max CW RF output Power for 50
output load
26
dBm
Max CW RF Input Power for 10:1
VSWR out load
5dBm
Storage Temperature Range
-40 to +150
°C
Operating Temp Range (TL)
-40 to +85
°C
Operating Junction Temperature (TJ)+150
°C
ESD Rating - Human Body Model
1000
V
***With specified application circuit
****No RF Drive
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Unit
**2.4
GHz
2.5
GHz
2.6
GHz
2.7
GHz
Gain @ POUT=26dBm
dB
37.5
36.9
36.5
34.6
P1dB
dBm
34.633.533.533.9
POUT @ 2.5% EVM*
dBm
27.0
26.0
26.0
26.5
Current @ POUT 2.5% EVM*
mA
703
710
700
712
Input Return Loss
dB
-12.1
-11.5
-10.8
-10.5
Output Return Loss
dB
-27
-15.6
-28
-18.5
Step Attentuation (VPC2=0V)
dB
27
27
26
25
Test Conditions: **Measured with 2.4GHz to 2.5GHz Application circuit.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - SZM2066ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM2166Z RFMD-SZM2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB1 RFMD-SZM2166ZPCK-EVB1 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB2 RFMD-SZM2166ZPCK-EVB2 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB3 RFMD-SZM2166ZPCK-EVB3 Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZSQ RFMD-SZM2166ZSQ Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM2066ZPCK-EVB2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
RF5652 RFMD-RF5652 Datasheet
2Mb / 21P
   5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com