Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA5044Z-EVB1 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SZA5044Z-EVB1
Description  4.9GHz to 5.9GHz 5V POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA5044Z-EVB1 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SZA5044Z-EVB1 Datasheet HTML 3Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 4Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 5Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 6Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 7Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 8Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 9Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 10Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
DS130402
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA-5044(Z)
4.9GHz to 5.9GHz Evaluation Board Data (VBIAS=5.0V, IQ=270mA)
IM3 versus POUT (2 Tone Avg.), T=25°C
Tone Spacing=1MHz
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
POUT (dBm)
4.9GHz
5.15GHz
5.35GHz
5.725GHz
5.875GHz
RF Power Detector (VDET) versus POUT, F=4.9GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT, F=5.15GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT, F=5.35GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT,
F=5.725GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power Detector (VDET) versus POUT,
F=5.875GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
POUT (dBm)
-40°C
+25°C
+85°C


Similar Part No. - SZA5044Z-EVB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA5044 ETC-SZA5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
More results

Similar Description - SZA5044Z-EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
AVAGO TECHNOLOGIES LIMI...
MGA-25203 AVAGO-MGA-25203_15 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
Broadcom Corporation.
MGA-25203 BOARDCOM-MGA-25203 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Toshiba Semiconductor
TIM5964-16UL TOSHIBA-TIM5964-16UL_09 Datasheet
145Kb / 4P
   HIGH POWER P1dB=42.5dBm at 5.9GHz to 6.4GHz
TIM5964-12UL TOSHIBA-TIM5964-12UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=41.5dBm at 5.9GHz to 6.4GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com