Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA5044Z-EVB1 Datasheet(PDF) 3 Page - RF Micro Devices

Part # SZA5044Z-EVB1
Description  4.9GHz to 5.9GHz 5V POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA5044Z-EVB1 Datasheet(HTML) 3 Page - RF Micro Devices

  SZA5044Z-EVB1 Datasheet HTML 1Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 2Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 3Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 4Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 5Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 6Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 7Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 8Page - RF Micro Devices SZA5044Z-EVB1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
DS130402
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA-5044(Z)
Pin
Function
Description
1, 3,
5, 9,
11,
15, 17
N/C
Pins are not used. May be grounded, left open, or connected to adjacent pin.
6VPC1
VPC1 is the bias control pin for the stage 1 active bias circuit and can be run from 2.9Vto5V control. An external series
resistor is required for proper setting of bias levels depending on control voltage. Refer to the evaluation board sche-
matic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage
applied to pin 20 (Vbias) unless Vpc supply current capability is less than 10mA.
7VPC2
VPC2 is the bias control pin for the stage 2 active bias circuit and can be run from 2.9Vto5V control. An external series
resistor is required for proper setting of bias levels depending on control voltage. Refer to the evaluation board sche-
matic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage
applied to pin 20 (Vbias) unless Vpc supply current capability is less than 10 mA.
8VPC3
VPC3 is the bias control pin for the stage 3 active bias circuit and can be run from 2.9Vto5V control. An external series
resistor is required for proper setting of bias levels depending on control voltage. Refer to the evaluation board sche-
matic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage
applied to pin 20 (Vbias) unless Vpc supply current capability is less than 10mA.
10
VDET
Output power detector voltage. Load with 10Kto100K
Ω to ground for best performance.
2, 4
RF IN
RF input pins. This is DC grounded internal to the IC. Do not apply voltage to this pin. All three pins must be used for
proper operation.
12,
13,14
RF OUT
RF output pin. This is also another connection to the 3rd stage collector
16
VC3
3rd stage collector bias pin. Apply 5V to this pin.
18
VC2
2nd stage collector bias pin. Apply 5V to this pin.
19
VC1
1st stage collector bias pin. Apply 5V to this pin.
20
VBIAS
Active bias network VCC. Apply 5V to this pin.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for optimum
thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended land pat-
tern (page 5).


Similar Part No. - SZA5044Z-EVB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA5044 ETC-SZA5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
More results

Similar Description - SZA5044Z-EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
AVAGO TECHNOLOGIES LIMI...
MGA-25203 AVAGO-MGA-25203_15 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
Broadcom Corporation.
MGA-25203 BOARDCOM-MGA-25203 Datasheet
594Kb / 15P
   4.9-5.9GHz 3x3mm WiFi Power Amplifier
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
   4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Toshiba Semiconductor
TIM5964-16UL TOSHIBA-TIM5964-16UL_09 Datasheet
145Kb / 4P
   HIGH POWER P1dB=42.5dBm at 5.9GHz to 6.4GHz
TIM5964-12UL TOSHIBA-TIM5964-12UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=41.5dBm at 5.9GHz to 6.4GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com