Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXE1089Z-PCK1 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SXE1089Z-PCK1
Description  0.05GHz to 3GHz, CASCADABLE pHEMT MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXE1089Z-PCK1 Datasheet(HTML) 1 Page - RF Micro Devices

  SXE1089Z-PCK1 Datasheet HTML 1Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 2Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 3Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 4Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 5Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 6Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 7Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 8Page - RF Micro Devices SXE1089Z-PCK1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
1 of 10
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SXE1089Z
0.05GHz to 3GHz, CASCADABLE pHEMT
MMIC AMPLIFIER
RFMD’s SXE1089Z is a high performance pHEMT MMIC amplifier utilizing
a patented self-bias Darlington topology housed in a lowcost, surface
mountable SOT-89 package. The active bias network provides stable cur-
rent over temperature and process thereshold voltage variations.
Designed to run directly from a 5V supply, the SXE1089Z does not require
a dropping resistor as compared to typical Darlington amplifiers. The
SXE1089Z product is designed for high linearity 5V gain block applica-
tions that require small size and minimal external com-
ponents. It is internally matched to 50
.
Gain and Return Loss
T = 25°C
-30.0
-20.0
-10.0
0.0
10.0
20.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
S11
S21
S22
Note: Measured with Bias tees and deembedded to lead of device
Excellent ACP -65dBc with 9.5dBm
Channel Power at 2140MHz
OIP3=38.5dBm at 2140MHz
P1dB=22.6dBm at 2140MHz
Gain=11.7dB at 1960MHz
NF=3.2dB at 1960MHz
Single-Supply Operation:5V at
IDQ=128mA
Broadband Internal Matching, No
Dropping Resistor
Patented Self-Bias Darlington
Topology
Consistent Current versus Temper-
ature
Insensitive to Process Threshold
Voltage Variation
Applications
PA Driver Amplifier, Multi-Carrier
Applications
DS110610
Package: SOT-89
SXE1089Z
0.05GHz to
3GHz, Cascad-
able pHEMT
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
14.2
dB
880MHz
11.7
dB
1960MHz
9.6
11.1
12.6
dB
2140MHz
Output Power at 1dB Compression
22.4
dBm
880MHz
22.9
dBm
1960MHz
20.7
22.2
dBm
2140MHz
Output Third Order Intercept Point
38.0
dBm
880MHz, 5dBm per tone, 1MHz spacing,
38.5
dBm
1960MHz, 5dBm per tone, 1MHz spacing,
36.6
38.6
dBm
2140MHz, 5dBm per tone, 1MHz spacing,
IS-95 Channel Power
13.2
dBm
880MHz, -65dBc ACP, tested with 9 Channels
FWD
17.0
dBm
880MHz, -45dBc ACP
WCDMA Channel Power
9.5
dBm
2140MHz, -65dBc ACP, tested with 64 Channels
FWD
14.5
dBm
2140MHz, -45dBc ACP
Input Return Loss
16.0
20.0
dB
2140MHz
Output Return Loss
11.7
15.7
dB
2140MHz
Noise Figure
3.2
4.2
dB
2140MHz
Device Operating Voltage
5.0
V
Device Operating Current
118
128
138
mA
Thermal Resistance
45.0
°C/W
junction - lead
Test Conditions: VD=5V, IDQ=128mA Typ. , TL=25°C, ZS=ZL=50, Tested with Broadband Application Circuit


Similar Part No. - SXE1089Z-PCK1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S05 ARTESYN-SXE15-48S05 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15-48S05J EMERSON-NETWORKPOWER-SXE15-48S05J Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S12 ARTESYN-SXE15-48S12 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
More results

Similar Description - SXE1089Z-PCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
   0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
   0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
   DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
   0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-4000 SIRENZA-SUF-4000 Datasheet
134Kb / 4P
   0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
   0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
   0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com