Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXB4089ZSR Datasheet(PDF) 3 Page - RF Micro Devices

Part # SXB4089ZSR
Description  400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXB4089ZSR Datasheet(HTML) 3 Page - RF Micro Devices

  SXB4089ZSR Datasheet HTML 1Page - RF Micro Devices SXB4089ZSR Datasheet HTML 2Page - RF Micro Devices SXB4089ZSR Datasheet HTML 3Page - RF Micro Devices SXB4089ZSR Datasheet HTML 4Page - RF Micro Devices SXB4089ZSR Datasheet HTML 5Page - RF Micro Devices SXB4089ZSR Datasheet HTML 6Page - RF Micro Devices SXB4089ZSR Datasheet HTML 7Page - RF Micro Devices SXB4089ZSR Datasheet HTML 8Page - RF Micro Devices SXB4089ZSR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
DS120821
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXB4089Z
880 MHz Application Circuit Data, V
CC=5V, ID=270mA
OIP3 vs. Frequency (11 dBm tones)
35
38
41
44
47
50
0.85
0.86
0.87
0.88
0.89
0.9
0.91
Frequency (GHz)
25C
-40C
85C
OIP3 vs. Tone Power @880MHz
35
38
41
44
47
50
6
8
10
12
14
16
18
20
Pout (dBm)
25C
-40C
85C
ACP @880MHz vs. Ch. Pwr.(IS-95 9Ch.Fwd.)
-75
-70
-65
-60
-55
-50
-45
-40
15
16
17
18
19
20
21
22
Ch. Pwr
25C
-40C
85C
Input/Output Return Loss,
Isolation vs. Frequency, T=25C
-30
-25
-20
-15
-10
-5
0
0.85
0.86
0.87
0.88
0.89
0.9
0.91
Frequency (GHz)
S11
S12
S22


Similar Part No. - SXB4089ZSR

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SXB RUBYCON-SXB Datasheet
226Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
SXB-2089Z ETC1-SXB-2089Z Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-4089 ETC1-SXB-4089 Datasheet
184Kb / 8P
   400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results

Similar Description - SXB4089ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SXB2089Z RFMD-SXB2089Z Datasheet
738Kb / 8P
   5MHz to 2500MHz MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
SXA389BZ RFMD-SXA389BZ Datasheet
678Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXA-389Z RFMD-SXA-389Z Datasheet
618Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com