Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXA389BZPCK2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SXA389BZPCK2
Description  400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXA389BZPCK2 Datasheet(HTML) 2 Page - RF Micro Devices

  SXA389BZPCK2 Datasheet HTML 1Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 2Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 3Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 4Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 5Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 6Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 7Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 8Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
DS110610
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXA389BZ
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)240
mA
Max Device Voltage (VCC)6
V
Max RF Input Power
100
mW
Max Dissipated Power
1500
mW
Max Junction Temperature (TJ)165
°C
Operating Temperature Range (TL)
-40 to + 85
°C
Max Storage Temperature
150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 2
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
SXA389BZ
Machine
Screws
(Optional)
Plated Thru
Holes
(0.020" DIA)
Ground Plane
Recommended Mounting Configuration for
Optimum RF and Thermal Performance


Similar Part No. - SXA389BZPCK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXA-001T-P0.6 ETC2-SXA-001T-P0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
SXA-001T-P0.6 ETC2-SXA-001T-P0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
203Kb / 4P
   XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
240Kb / 3P
   XM CONNECTOR 2.5 mm pitch/Crimp style wire-to-wire connectors
More results

Similar Description - SXA389BZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SXA-389Z RFMD-SXA-389Z Datasheet
618Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
   MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXB2089Z RFMD-SXB2089Z Datasheet
738Kb / 8P
   5MHz to 2500MHz MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com