Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH1214-300M Datasheet(PDF) 3 Page - Tyco Electronics

Part # PH1214-300M
Description  Radar Pulsed Power Transistor, 300 Watts,1.20-1.40 GHz, 150 mS Pulse, 10% Duty
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH1214-300M Datasheet(HTML) 3 Page - Tyco Electronics

  PH1214-300M Datasheet HTML 1Page - Tyco Electronics PH1214-300M Datasheet HTML 2Page - Tyco Electronics PH1214-300M Datasheet HTML 3Page - Tyco Electronics PH1214-300M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radar Pulsed Power Transistor
300W, 1.2-1.4 GHz, 150µs Pulse, 10% Duty
M/A-COM Products
Released, 30 May 07
PH1214-300M
3
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RF Power Transfer Curve
(Output Power Vs. Input Power)
F (GHz)
ZIF (Ω)
ZOF (Ω)
1.2
1.9 - j2.3
1.3 - j1.6
1.3
1.9 - j1.7
1.2 - j1.2
1.4
1.8 - j1.4
1.0 - j0.9
Broadband Test Fixture Impedance
PH1214-300M Pout vs. Pin
0
100
200
300
400
500
0
102030
405060
Pin (W)
1.2 GHz
1.3 GHz
1.4 GHz


Similar Part No. - PH1214-300M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-300M MA-COM-PH1214-300M Datasheet
157Kb / 4P
   Radar Pulsed Power Transistor
logo
Tyco Electronics
PH1214-300M MACOM-PH1214-300M Datasheet
157Kb / 4P
   Radar Pulsed Power Transistor 300W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
More results

Similar Description - PH1214-300M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1214-12M MACOM-PH1214-12M Datasheet
61Kb / 2P
   Radar Pulsed Power Transistor - 12 Watts,1.20-1.40 GHz, 150 mS Pulse, 10% Duty
PH1214-40M MACOM-PH1214-40M Datasheet
49Kb / 2P
   Radar Pulsed Power Transistor - 40 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-80M MACOM-PH1214-80M Datasheet
52Kb / 2P
   Radar Pulsed Power Transistor - 80 Watts, 1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-25M MACOM-PH1214-25M Datasheet
48Kb / 2P
   Radar Pulsed Power Transistor - 25 Watts, 1.20-1.40 GHz, 150mS Pulse, 10% Duty
PH1214-110M MACOM-PH1214-110M Datasheet
52Kb / 2P
   Radar Pulsed Power Transistor - 110 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-220M MACOM-PH1214-220M Datasheet
51Kb / 2P
   Radar Pulsed Power Transistor - 220 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
PH1214-100EL MACOM-PH1214-100EL Datasheet
238Kb / 2P
   Radar Pulsed Power Transistor, 100 Watts, 1.2 - 1.4 GHz, 2 ms Pulse, 20% Duty
PHA2729-300M MACOM-PHA2729-300M Datasheet
100Kb / 2P
   Radar Pulsed Power Module, 300 Watts, 2.7-2.9 GHz, 100 uS Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
99Kb / 2P
   RADAR PULSED POWER TRANSISTOR 25 WATTS, 2.70-2.90 GHz, 100ms PULSE, 10% DUTY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com