Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

253056B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 253056B
Description  Typical 1dB bandwidth of 29.8 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

253056B Datasheet(HTML) 1 Page - Integrated Technology Future

  253056B Datasheet HTML 1Page - Integrated Technology Future 253056B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120.0 MHz SAW Filter
Part Number 253056B
Tel: 82-32-621-1213
2011. 04. 22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 29.8 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature : -5℃
℃ ~ +70℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
120.0
-
Insertion Loss
dB
-
27.5
29.0
1dB Bandwidth
MHz
29.65
29.8
-
3dB Bandwidth
MHz
-
30.05
-
40dB Bandwidth
MHz
-
31.15
31.3
50dB Bandwidth
MHz
-
31.35
-
Amplitude Ripple (fo ± 14.32 MHz)
dB
-
0.6
1.0
Group Delay Variation (fo ± 14.32 MHz)
nsec
-
30
60
Absolute Delay
usec
-
2.34
-
Ultimate Rejection
dB
45
52
-
Temperature Coefficient of Frequency
ppm/℃
-
-72
-
Room Temperature : +25℃
Minimum
Typical
Maximum
Insertion Loss
dB
-
27.5
29.0
Amplitude Ripple (fo +/- 14.63 MHz)
dB
-
0.6
1.0
Group Delay Variation (fo +/- 14.63 MHz)
nsec
-
30
60
S2098 Package Dimension
Matching Schematic
Pin Configuration
Input
10
Ground
1,4
6
7
8
9
10
5
4
3
2
1
7
8
9
10
6
4
3
2
1
5
20.00±0.2
1.02±0.1
1.91±0.1
7.62±0.1
1.56±0.2
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
Input
50Ω
Output
50Ω
56nH
10
5
56nH
20pF
ITF 11A001
253056B
。120-29.8M
18pF


Similar Part No. - 253056B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
253051B ITF-253051B Datasheet
199Kb / 5P
   SAW Bandpass Filter
253054B ITF-253054B Datasheet
287Kb / 5P
   Bandpass Filter 253054B
logo
Weidmuller
2530550000 WEIDMULLER-2530550000 Datasheet
557Kb / 4P
   VPU PV II 3 1000
logo
Integrated Technology F...
253055B ITF-253055B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 29.9 MHz
logo
Weidmuller
2530570000I WEIDMULLER-2530570000I Datasheet
423Kb / 4P
   VPU PV III 0 1500
More results

Similar Description - 253056B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
233006B ITF-233006B Datasheet
189Kb / 2P
   Typical 1dB bandwidth of 29.8 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
250970B ITF-250970B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com