Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA2118Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SPA2118Z
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118Z Datasheet(HTML) 4 Page - RF Micro Devices

  SPA2118Z Datasheet HTML 1Page - RF Micro Devices SPA2118Z Datasheet HTML 2Page - RF Micro Devices SPA2118Z Datasheet HTML 3Page - RF Micro Devices SPA2118Z Datasheet HTML 4Page - RF Micro Devices SPA2118Z Datasheet HTML 5Page - RF Micro Devices SPA2118Z Datasheet HTML 6Page - RF Micro Devices SPA2118Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2118Z
Simplified Device Schematic
Recommended Land Pattern
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1VC1
Supply voltage for the first stage transistor. The configuration as shown on the application schematic is required for opti-
mum RF performance.
2VBIAS
Bias control pin for the active bias network. Recommended configuration is shown in the application schematic.
3RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor as shown in the application shcematic.
4VPC2
Bias control pin for the active bias network for the second stage. The recommended configuration is shown in the appli-
cation schematic.
5, 6,
7, 8
RF OUT/VC2 RF output and bias pin. Bias should be supplied to this pin through an external RF choke. Because DC biasing is present
on this pin a DC-blocking capacitor should be used in most applications. (See application schematic.) The supply side of
the bias network should be well bypassed. An output matching network is necessary for optimum performance.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for thermal and
RF performance. Several vias should be located under the EPAD as shown in the recommended land pattern.
2
3
5-8
ACTIVE BIAS
NETWORK
ACTIVE BIAS
NETWORK
2
4
1
(
r
e
t
e
m
a
r
a
P
0.020 [0.51]
0.140 [3.56]
0.080 [2.03]
0.050 [1.27]
0.150 [3.81]
0.300 [7.62]
Plated-Thru Holes
(0.015" Dia, 0.030" Pitch)
Machine
Screws


Similar Part No. - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA2118Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA1118Z RFMD-SPA1118Z Datasheet
436Kb / 6P
   850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com