Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL0622ZSQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGL0622ZSQ
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622ZSQ Datasheet(HTML) 5 Page - RF Micro Devices

  SGL0622ZSQ Datasheet HTML 1Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 2Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 3Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 4Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 5Page - RF Micro Devices SGL0622ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Suggested Pad Layout
Nominal Package Dimensions
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Part Identification
Pin
Function
Description
1RF OUT/VD
RF output and bias pin. Bias should be supplied to this pin through an external RF choke. (See application cir-
cuit)
2GND
Connect to ground per application circuit drawing.
3, 5,
6, 7, 8
N/A
Not Used
4RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor as shown in the application schemat-
ics.
EPAD
GND
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for ther-
mal and RF performance. Vias should be located under the EPAD as shown in the recommended land pattern.
Package Type:
2 x 2 QFN


Similar Part No. - SGL0622ZSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SGL0622ZSQ QORVO-SGL0622ZSQ Datasheet
509Kb / 8P
   5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results

Similar Description - SGL0622ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
   Low Noise Amplifier 5MHz to 4000MHz
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
   5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
   Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
RF Micro Devices
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com