Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P705-F-01-14 Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P705-F-01-14
Description  Maximum Ratings / H철chstzul채ssige Werte
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P705-F-01-14 Datasheet(HTML) 2 Page - Vincotech

  V23990-P705-F-01-14 Datasheet HTML 1Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 2Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 3Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 4Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 5Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 6Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 7Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 8Page - Vincotech V23990-P705-F-01-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
V23990-P705-F-PM
final data sheet
flow 90PACK 1 600V/ 50A
V23990-P705-F-01-14
Characteristic values/ Charateristische Werte
Description
Symbol
Conditions
Datasheet values
Unit
T(C°)
Other conditions
VGE(V)
VR(V)
VCE(V)
IC(A)
IF(A)
(Rgon-Rgoff)
VGS(V) VDS(V)
Id(A)
Min
Typ
Max
Transistor Inverter
Transistor Wechselrichter
Gate emitter threshold voltage
VGE(th) Tj=25°C
VCE=VGE
430u
5
5,8
6,5
V
Gate-Schwellenspannung
Tj=150°C
Collector-emitter saturation voltage
VCE(sat) Tj=25°C
15
50
1,48
2,1
V
Kollektor-Emitter Sättigungsspannung
Tj=125°C
1,68
Collector-emitter cut-off
ICES
Tj=25°C
0
600
0,35
mA
Kollektor-Emitter Reststrom
Tj=150°C
Gate-emitter leakage current
IGES
Tj=25°C
20
0
650
nA
Gate-Emitter Reststrom
Tj=150°C
Integrated Gate resistor
Rgint
none
Ohm
Integrirter Gate Widerstand
Turn-on delay time
td(on)
Tj=25°C
Rgon=8Ohm
15
300
50
ns
Einschaltverzögerungszeit
Tj=125°C
111
Rise time
tr
Tj=25°C
Rgon=8Ohm
15
300
50
ns
Anstiegszeit
Tj=125°C
19
Turn-off delay time
td(off)
Tj=25°C
Rgon=8Ohm
15
300
50
ns
Abschaltverzögerungszeit
Tj=125°C
196
Fall time
tf
Tj=25°C
Rgon=8Ohm
15
300
50
ns
Fallzeit
Tj=125°C
96
Turn-on energy loss per pulse
Eon
Tj=25°C
Rgon=8Ohm
300
mWs
Einschaltverlustenergie pro Puls
0,53
Turn-off energy loss per pulse
Eoff
Tj=25°C
Rgon=8Ohm
300
mWs
Abschaltverlustenergie pro Puls
1,7
Input capacitance
Cies
Tj=25°C
f=1MHz
0
25
3,14
nF
Eingangskapazität
Output capacitance
Coss
Tj=25°C
f=1MHz
0
25
0,2
nF
Ausgangskapazität
Reverse transfer capacitance
Crss
Tj=25°C
f=1MHz
0
25
0,09
nF
Rückwirkungskapazität
Gate charge
QGate
Tj=25°C
tbd
nC
Gate Ladung
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease
thickness”50um
1,42
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
K/W
Coupled thermal resistance inverter diode-transistor
Gekoppelte Wärmewiderstand Wechselrichter Diode-Transistor
R
thJH
K/W
Coupled thermal resistance inverter transistor-transistor
Gekoppelte Wärmewiderstand Wechselrichter Transistor-Transistor
R
thJH
K/W
Diode Inverter
Diode Wechselrichter
Diode forward voltage
VF
Tj=25°C
300
50
1,57
V
Durchlaßspannung
Tj=125°C
1,52
Peak reverse recovery current
IRM
Tj=25°C
Vr=300V
300
50
A
Rückstromspitze
Tj=125°C
di/dt=200 A/μs
73,9
Reverse recovery time
trr
Tj=25°C
Vr=300V
300
50
ns
Sperreverzögerungszeit
Tj=125°C
di/dt=200 A/μs
151
Reverse recovered charge
Qrr
Tj=25°C
Vr=300V
300
50
uC
Sperrverzögerungsladung
Tj=125°C
di/dt=200 A/μs
3,69
Reverse recovered energy
Erec
Tj=25°C
300
50
mWs
Sperrverzögerungsenergie
Tj=125°C
0,91
Thermal resistance chip to heatsink per chip
Wärmewiderstand Chip-Kühlkörper pro Chip
R
thJH
Thermal grease
thickness”50um
1,9
K/W
Thermal resistance chip to case per chip
Wärmewiderstand Chip-Gehause pro Chip
RthJC
Warmeleitpaste
Dicke”50um
= 0,61 W/mK
K/W
Coupled thermal resistance inverter transistor-diode
Gekoppelte Wärmewiderstand Wechselrichter Transistor-Diode
R
thJH
K/W
Coupled thermal resistance inverter diode-diode
Gekoppelte Wärmewiderstand Wechselrichter Diode-Diode
R
thJH
K/W
Copyright by Vincotech
2
Revision: 1


Similar Part No. - V23990-P705-F-01-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P705-F VINCOTECH-V23990-P705-F Datasheet
508Kb / 3P
   power flow through for simple PCB routing
More results

Similar Description - V23990-P705-F-01-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P729-F46-D1-14 VINCOTECH-V23990-P729-F46-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F54-D1-14 VINCOTECH-V23990-P729-F54-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P723-F04-D1-14 VINCOTECH-V23990-P723-F04-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P722-F74-D1-14 VINCOTECH-V23990-P722-F74-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F44-D1-14 VINCOTECH-V23990-P729-F44-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P729-F56-01-14 VINCOTECH-V23990-P729-F56-01-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P706-F-D1-14 VINCOTECH-V23990-P706-F-D1-14 Datasheet
1Mb / 11P
   Maximum Ratings / H철chstzul채ssige Werte
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
   H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
FZ3600R12HP4 INFINEON-FZ3600R12HP4 Datasheet
1Mb / 9P
   IGBT-Wechselrichter / IGBT-inverter H철chstzul채ssige Werte / maximum rated values
2009-08-03 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com