Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P704-F-01-14 Datasheet(PDF) 1 Page - Vincotech

Part # V23990-P704-F-01-14
Description  flow 90PACK 1 600V/ 30A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P704-F-01-14 Datasheet(HTML) 1 Page - Vincotech

  V23990-P704-F-01-14 Datasheet HTML 1Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 2Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 3Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 4Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 5Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 6Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 7Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 8Page - Vincotech V23990-P704-F-01-14 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
V23990-P704-F-PM
final data sheet
flow 90PACK 1 600V/ 30A
V23990-P704-F-01-14
Maximum Ratings / Höchstzulässige Werte
Parameter
Condition
Symbol
Datasheet values
Unit
max.
Transistor Inverter
Transistor Wechselrichter
Collector-emitter break down voltage
VCE
600
V
Kollektor-Emitter-Sperrspannung
DC collector current
Tj=175°C
T
h=80°C,
IC
27,5
A
Kollektor-Dauergleichstrom
Tc=80°C
35,6
Repetitive peak collector current
tp limited by Tj max
Icpuls
90
A
Periodischer Kollektorspitzenstrom
Power dissipation per IGBT
Tj=175°C
T
h=80°C
Ptot
47,7
W
Verlustleistung pro IGBT
Tc=80°C
72
Gate-emitter peak voltage
VGE
±20
V
Gate-Emitter-Spitzenspannung
SC withstand time*
Tj”150°C
VGE=15V
tSC
6us
Kurzschlußverhalten*
VCC=360V
360
V
max. Chip temperature
T
jmax
175
°C
max. Chiptemperatur
Diode Inverter
Diode Wechselrichter
DC forward current
Tj=175°C
T
h=80°C,
IF
26
A
Dauergleichstrom
Tc=80°C
35,6
Repetitive peak forward current
tp limited by Tj max
IFRM
60
A
Periodischer Spitzenstrom
Power dissipation per Diode
Tj=175°C
T
h=80°C
Ptot
37
W
Verlustleistung pro Diode
Tc=80°C
55
max. Chip temperature
T
jmax
175
°C
max. Chiptemperatur
Thermal properties
Thermische Eigenschaften
Storage temperature
T
stg
-40…+125
°C
Lagertemperatur
Operation temperature
T
op
-40…+125
°C
Betriebstemperatur
Insulation properties
Modulisolation
Insulation voltage
t=1min
V
is
4000
Vdc
Isolationsspannung
Creepage distance
min 12,7
mm
Kriechstrecke
Clearance
min 12,7
mm
Luftstrecke
Additional notes and remarks:
* Allowed number of short circuits must be less than 1000 times, and time duration
between short circuits should be more than 1 second!
Copyright by Vincotech
1
Revision: 1


Similar Part No. - V23990-P704-F-01-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P704-F VINCOTECH-V23990-P704-F Datasheet
508Kb / 3P
   power flow through for simple PCB routing
More results

Similar Description - V23990-P704-F-01-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P718-G-PM VINCOTECH-V23990-P718-G-PM Datasheet
3Mb / 17P
   Compatible with flow 90PACK 1
V23990-P719-G-PM VINCOTECH-V23990-P719-G-PM Datasheet
2Mb / 14P
   Compatible with flow 90PACK 1
logo
MacMic
MM30FU060B MACMIC-MM30FU060B Datasheet
536Kb / 3P
   600V 30A FRED
MM30FU060K1 MACMIC-MM30FU060K1 Datasheet
653Kb / 3P
   600V 30A FRED
MM30FU60K MACMIC-MM30FU60K Datasheet
605Kb / 3P
   600V 30A FRED
logo
Fuji Electric
6MBI30L-060 FUJI-6MBI30L-060 Datasheet
122Kb / 4P
   IGBT(600V/30A)
logo
MacMic
MM30FU060PC MACMIC-MM30FU060PC Datasheet
615Kb / 3P
   600V 30A FRED
June 2015 Version 01
logo
Fuji Electric
6MBI30F-060 FUJI-6MBI30F-060 Datasheet
126Kb / 4P
   IGBT(600V/30A)
logo
Renesas Technology Corp
RJH60T04DPQA1 RENESAS-RJH60T04DPQA1 Datasheet
113Kb / 8P
   600V - 30A - IGBT
logo
MacMic
MM30FU60PC MACMIC-MM30FU60PC Datasheet
688Kb / 3P
   600V 30A FRED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com