Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL0363Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGL0363Z
Description  5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0363Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGL0363Z Datasheet HTML 1Page - RF Micro Devices SGL0363Z Datasheet HTML 2Page - RF Micro Devices SGL0363Z Datasheet HTML 3Page - RF Micro Devices SGL0363Z Datasheet HTML 4Page - RF Micro Devices SGL0363Z Datasheet HTML 5Page - RF Micro Devices SGL0363Z Datasheet HTML 6Page - RF Micro Devices SGL0363Z Datasheet HTML 7Page - RF Micro Devices SGL0363Z Datasheet HTML 8Page - RF Micro Devices SGL0363Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
1 of 11
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGL0363Z
5MHz to 2000MHz LOW NOISE AMPLIFIER
SILICON GERMANIUM
RFMD’s SGL0363Z is a low power, low noise amplifier. It is designed for
2.7V to 3.3V battery operation. The matching networks are implemented
externally which allows for optimum narrow-band performance with 20dB
typical gain and 1.1dB noise figure from 200MHz to 900MHz. This RFIC
uses the latest Silicon Germanium HBT process.
RF Out
Simplified Device Schematic
Vpc
Gnd
RF In
Gnd
Active Bias
Network
Narrow-band
Matching
Network
Narrow-band
Matching
Network
Low Power Consumption,
5.7mA at 3.3V
External Input Noise Match
High Gain and Low Noise,
20dB and 1.1dB respectively
at 900MHz
Operates from 2.7V to 3.3V
Power Shutdown Capability
using VPC
500V ESD, Class 1B
Small Package: SOT-363
High input overdrive capabil-
ity, +18dBm
Applications
Low Power LNA for ISM, Cellu-
lar and Mobile Communica-
tions
DS111011
Package: SOT-363
SGL0363Z
5MHz to
2000MHz Low
Noise Ampli-
fier Silicon
Germanium
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
21.0
dB
200MHz
18.0
20.0
22.0
dB
900MHz
15.0
16.5
18.5
dB
1575MHz
Output Power at 1dB Compression
1.1
dBm
200MHz
2.5
dBm
900MHz
1.0
3.5
dBm
1575MHz
Output Third Order Intercept Point
17.2
dBm
200MHz
12.9
dBm
900MHz
11.0
14.0
dBm
1575MHz
Input Return Loss
14.0
dBm
200MHz
15.0
dBm
900MHz
8.5
10.0
dBm
1575MHz
Output Return Loss
20.0
dBm
200MHz
12.0
dBm
900MHz
14.0
20.0
dBm
1575MHz
Noise Figure
1.0
dBm
200MHz
1.1
dBm
900MHz
1.5
2.0
dBm
1575MHz
Reverse Isolation
24.0
dBm
200MHz
27.0
dBm
900MHz
Thermal Resistance
173
°C/W
junction - lead
Device Operating Current
3.5
5.2
7.0
mA
Test Conditions: VS=3.3V, ID=5.2mA Typ., IIP3 Tone Spacing=1MHz, POUT per tone=-15dBm, TL=25°C, ZS=ZL=50, Different Application Circuit per
Band


Similar Part No. - SGL0363Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZPCK1 RFMD-SGL0163ZPCK1 Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSQ RFMD-SGL0163ZSQ Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSR RFMD-SGL0163ZSR Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
More results

Similar Description - SGL0363Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
   5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
RF Micro Devices
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
   Low Noise Amplifier 5MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com