Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC4563ZPCK2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGC4563ZPCK2
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4563ZPCK2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SGC4563ZPCK2 Datasheet HTML 2Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 3Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 4Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 5Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 6Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 7Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 8Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 9Page - RF Micro Devices SGC4563ZPCK2 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
DS140527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4563Z
Typical Performance with 1.7GHz to 2.2GHz Application Circuit, VD=3V, ID=48mA
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.81.0
1.2
1.4
1.61.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S21 versus Frequency
17
19
21
23
25
27
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S12 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
-55
-40
25
85
110
Temperature (°C)
Gain over Temperature
2GHz


Similar Part No. - SGC4563ZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZPCK RFMD-SGC4263ZPCK Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZSQ RFMD-SGC4263ZSQ Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263ZSR RFMD-SGC4263ZSR Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGC4563ZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2363Z RFMD-SGC2363Z Datasheet
331Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC-6289Z RFMD-SGC-6289Z Datasheet
501Kb / 8P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com