Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT1053AK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXT1053AK
Description  75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT1053AK Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXT1053AK_15 Datasheet HTML 1Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 2Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 3Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 4Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 5Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 6Page - Diodes Incorporated ZXT1053AK_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXT1053AK
Document number: DS33644 Rev. 5 - 2
3 of 7
www.diodes.com
November 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXT1053AK
Thermal Characteristics and Derating Information
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
0.1
1
10
100
10m
100m
1
10
100m
1
10
100
10m
100m
1
10
Tamb=25°C
25mm x 25mm
1oz FR4
VCE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
VCE Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
50mm x 50mm
2oz FR4
25mm x 25mm
1oz FR4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
5
10
15
20
25
30
Tamb=25°C
25mm x 25mm
1oz FR4
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
25mm x 25mm
1oz FR4
50mm x 50mm
2oz FR4
Safe Operating Area
Single Pulse
Tamb=25°C
Pulse Power Dissipation
Pulse Width (s)
D=0.1
D=0.05
Single Pulse
D=0.2
D=0.5
Tamb=25°C
50mm x 50mm
2oz FR4
Transient Thermal Impedance
Pulse Width (s)
Tamb=25°C
50mm x 50mm
2oz FR4
100µs
1ms
10ms
100ms
1s
DC
VCE(sat)
Limit
VCE Collector-Emitter Voltage (V)


Similar Part No. - ZXT1053AK_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT1053AKTC ZETEX-ZXT1053AKTC Datasheet
136Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT1053AKTC DIODES-ZXT1053AKTC Datasheet
146Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
More results

Similar Description - ZXT1053AK_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT1053AK ZETEX-ZXT1053AK Datasheet
136Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT1053AK DIODES-ZXT1053AK Datasheet
146Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZX5T853G DIODES-ZX5T853G_16 Datasheet
413Kb / 7P
   NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2007G DIODES-ZXTN2007G_16 Datasheet
437Kb / 7P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G_16 Datasheet
452Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19100CG DIODES-ZXTN19100CG_15 Datasheet
503Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19100CFF DIODES-ZXTN19100CFF_16 Datasheet
341Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2010G DIODES-ZXTN2010G_16 Datasheet
489Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19060CG DIODES-ZXTN19060CG_15 Datasheet
487Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com