Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN4000Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTN4000Z
Description  60V NPN LED DRIVING TRANSISTOR IN SOT89
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN4000Z Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTN4000Z_15 Datasheet HTML 1Page - Diodes Incorporated ZXTN4000Z_15 Datasheet HTML 2Page - Diodes Incorporated ZXTN4000Z_15 Datasheet HTML 3Page - Diodes Incorporated ZXTN4000Z_15 Datasheet HTML 4Page - Diodes Incorporated ZXTN4000Z_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZXTN4000Z
Datasheet Number: DS35676 Rev. 1 - 2
2 of 5
www.diodes.com
January 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN4000Z
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
1
A
Peak Pulse Current (Note 4)
ICM
3
A
Base Current
IB
500
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
83
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
28
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%.
5. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
6. Thermal resistance from junction to solder-point (at the end of the collector lead).
Thermal Characteristics and Derating information


Similar Part No. - ZXTN4000Z_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
More results

Similar Description - ZXTN4000Z_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN4000Z(1) DIODES-ZXTN4000Z(1)_15 Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4000Z DIODES-ZXTN4000Z Datasheet
125Kb / 5P
   60V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
   60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN10150DZ DIODES-ZXTN10150DZ_15 Datasheet
246Kb / 7P
   150V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4006Z DIODES-ZXTN4006Z_15 Datasheet
125Kb / 5P
   200V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
   100V NPN LED DRIVING TRANSISTOR IN SOT89
ZXTN4006Z DIODES-ZXTN4006Z Datasheet
125Kb / 5P
   200V NPN LED DRIVING TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com