Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA9189Z-EVB4 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA9189Z-EVB4
Description  Medium Power Discrete SiGe Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA9189Z-EVB4 Datasheet(HTML) 2 Page - RF Micro Devices

  SGA9189Z-EVB4 Datasheet HTML 1Page - RF Micro Devices SGA9189Z-EVB4 Datasheet HTML 2Page - RF Micro Devices SGA9189Z-EVB4 Datasheet HTML 3Page - RF Micro Devices SGA9189Z-EVB4 Datasheet HTML 4Page - RF Micro Devices SGA9189Z-EVB4 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
DS121018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA9189Z
Typical Performance with Engineering Application Circuit
Typical Performance with Engineering Application Circuit
Data above represents typical performance of the application circuits notes in Application Note AN-021. Refer to the applica-
tion note for additional RF data, PCB layouts, and BOMs for each application circuit. The application note also includes biasing
instructions and other key issues to be considered. For the latest application notes please visit our site at wwww.RFMD.com or
call your local sales representative.
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Base Current (IB)
5
mA
Max Device Current (ICE)
200
mA
Max Collector-Emitter Voltage (VCEO)
7
V
Max Collector-Base Voltage (VCBO)
20
V
Max Emitter-Base Voltage (VEBO)
4.8
V
Max Junction Temp (TJ)
+150
°C
Operating Temp Range (TL)
See Graph
Max Storage Temp
+150
°C
*Note: Load condition1, ZL = 50.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression: IDVD < (TJ - TL)/RTH, j - l and TL = TLEAD
Freq
(MHz)
VCE
(V)
ICQ
(mA)
P1dB
(dBm)
OIP31
(dBm)
Gain
(dB)
S11
(dB)
S22
(dB)
NF
(dB)
ZSOPT
(
)
ZLOPT
(
)
945
5
184
25.8
39.5
18.8
-14
-26
2.1
6.8 -j0.85
16 + j5.9
1960
5
179
25.5
40.0
12.2
-23
-21
2.4
7.6 - j11.2
22.8 + j0.7
2140
5
180
25.4
39.0
11.3
-20
-14
2.6
18.1 + j3.4
23.8 - j9.0
2440
5
180
25.4
40.0
10.2
-20
-17
2.7
5.6 - j15.1
23.1 - j2.7
1 POUT = +10dBm per tone for VCE = 5V, 1MHz tone spacing
Freq
(MHz)
VCE
(V)
ICQ
(mA)
P1dB
(dBm)
OIP32
(dBm)
Gain
(dB)
S11
(dB)
S22
(dB)
NF
(dB)
ZSOPT
(
)
ZLOPT
(
)
945
3
165
22.1
34.3
17.7
-18
-11
2.1
9.6 - j1.6
11.0 + j1.4
1960
3
162
22.4
35.0
11.8
-18
-16
2.2
7.8 - j13.1
19.3 - j2.9
2440
3
165
23.2
35.3
9.9
-20
-15
2.6
8.1 - j16.0
21.0 - j6.5
2 POUT = +6dBm per tone for VCE = 3V, 1MHz tone spacing
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
Maximum Recommended Operational
Dissipated Power
0.00
0.20
0.40
0.60
0.80
1.00
1.20
-40
-10
20
50
80
110
140
Lead Temperature (C)
Operational Limit (Tj<130C)
Z
SOPT
E
B
C
Z
LOPT


Similar Part No. - SGA9189Z-EVB4

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SGA ITT-SGA Datasheet
124Kb / 4P
   ARINC 600 Rack and Panel Connectors
logo
Galaxy Semi-Conductor H...
SGA BILIN-SGA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
   DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-0163Z SIRENZA-SGA-0163Z Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
More results

Similar Description - SGA9189Z-EVB4

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-9289 SIRENZA-SGA-9289 Datasheet
100Kb / 4P
   Medium Power Discrete SiGe Transistor
SGA-9189 SIRENZA-SGA-9189 Datasheet
99Kb / 4P
   Medium Power Discrete SiGe Transistor
SGA-9089Z SIRENZA-SGA-9089Z Datasheet
153Kb / 4P
   High IP3 Medium Power Discrete SiGe Transistor
logo
RF Micro Devices
SGA-9089Z RFMD-SGA-9089Z Datasheet
417Kb / 6P
   HIGH IP3, MEDIUM POWER DISCRETE SiGe TRANSISTOR
SGA8543Z RFMD-SGA8543Z Datasheet
188Kb / 5P
   HIGH IP3, MEDIUM POWER DISCRETE SiGe TRANSISTOR
logo
SIRENZA MICRODEVICES
SGA-8543Z SIRENZA-SGA-8543Z Datasheet
102Kb / 4P
   High IP3 Medium Power Discrete SiGe Transistor
logo
Renesas Technology Corp
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2004 RENESAS-HSG2004 Datasheet
247Kb / 13P
   SiGe HBT High Frequency Medium Power Amplifier
HSG2005 RENESAS-HSG2005 Datasheet
254Kb / 13P
   SiGe HBT High Frequency Medium Power Amplifier
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com