Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAW587 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PAW587
Description  40-550 MHz. 21 dB. CATV Ultra-linear Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PAW587 Datasheet(HTML) 1 Page - Tyco Electronics

  PAW587 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAW587
40-550 MHz.
21 dB.
CATV Ultra-linear Amplifier
Specifications @Tcase = 30°C (Referenced to 75 ohms)
Maximum Ratings
Storage Temperature ....... -40°C to +100°C
DC Voltage ................................. +28 volts
RF Input voltage ......................... 60dBmV.
Operating BaseTemperature .......... +100°C
Outline Drawings
Features: (typical values)
Ultra High Linearity
Low Noise Figure
Rugged Construction
Operation over a wide voltage range
Usable for 50 ohm operation
100 Emlen Way
Telford, Pa. 18969
Tel. (215) 723-6011
Fax. (215) 723-6015
Specifications subject to change without notice
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
s
n
o
i
t
i
d
n
o
C
.
n
i
M
e
u
l
a
V
.
x
a
M
e
u
l
a
V
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
40
5
5.
z
H
M
n
i
a
G
r
e
w
o
P.
z
H
M
0
5
=
f
1
2
2
2.
B
d
e
p
o
l
s
t
n
e
l
a
v
i
u
q
E
e
l
b
a
C.
z
H
M
0
5
7
o
t
.
z
H
M
0
4
=
f0
2
.
1.
B
d
)
y
e
l
l
a
v
o
t
k
a
e
p
(
s
s
e
n
t
a
l
F
n
i
a
G.
z
H
M
0
5
5
o
t
0
4
=
f-
4
.
0
-
/
+.
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
/
t
u
p
n
I.
z
H
M
0
5
5
o
t
0
4
=
f-
6
1.
B
d
)
B
T
C
(
t
a
e
B
e
l
p
i
r
T
e
t
i
s
o
p
m
o
C
.
V
m
B
d
4
4
=
o
V
t
a
l
f
s
l
e
n
n
a
h
c
7
7
8
7
l
e
n
n
a
h
c
@
d
e
r
u
s
a
e
m
-7
5
-
.
B
d
)
D
O
M
X
(
n
o
i
t
a
l
u
d
o
M
s
s
o
r
C
.
V
m
B
d
4
4
=
o
V
t
a
l
f
s
l
e
n
n
a
h
c
7
7
2
l
e
n
n
a
h
c
@
d
e
r
u
s
a
e
m
-7
5
-
.
B
d
r
e
d
r
O
.
d
n
2
e
t
i
s
o
p
m
o
C
.
V
m
B
d
4
4
=
o
V
t
a
l
f
s
l
e
n
n
a
h
c
7
7
8
7
l
e
n
n
a
h
c
@
d
e
r
u
s
a
e
m
-5
5
-
.
B
d
2
P
I
/
3
P
Ie
n
o
t
2
6
5
/
0
4
-
.
m
B
d
e
r
u
g
i
F
e
s
i
o
N.
z
H
M
0
5
5
=
f
@-
0
.
7
.
B
d
t
n
e
r
r
u
C
l
a
t
o
T.
v
4
2
+
f
o
e
g
a
t
l
o
V
@-
0
4
3.
A
m
Pin Configuration
Pin #
Description
1 ...................................................... Input
2,3,7,8 ......................................... Ground
5 ........................................................ +V
4,6 ............................................ not used
Rev :041301
Rugged Construction


Similar Part No. - PAW587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
   40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
More results

Similar Description - PAW587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
   40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW-1027 MACOM-PAW-1027 Datasheet
35Kb / 1P
   35-550 MHz. 38 dB. CATV Ultra-linear Amplifier
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
   40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW- MACOM-PAW- Datasheet
36Kb / 1P
   40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW788 MACOM-PAW788 Datasheet
52Kb / 1P
   40-750 MHz. 34 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
MHW6142 MOTOROLA-MHW6142 Datasheet
57Kb / 2P
   550 MHz CATV Amplifier
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
   5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
MHW6222 MOTOROLA-MHW6222 Datasheet
55Kb / 2P
   550 MHz CATV Amplifier
MHW6182 MOTOROLA-MHW6182 Datasheet
56Kb / 2P
   550 MHz CATV Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com