Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD09N50DE6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTD09N50DE6
Description  50V DUAL NPN LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD09N50DE6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTD09N50DE6_15 Datasheet HTML 1Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 2Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 3Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 4Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 5Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 6Page - Diodes Incorporated ZXTD09N50DE6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTD09N50DE6
Document number DS33650 Rev. 6 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTD09N50DE6
Absolute Maximum Ratings
– Q1 & Q2 Common (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
1
A
Peak Pulse Current
ICM
2
A
Base Current
IB
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 6 & 10)
PD
0.7
5.6
W
mW/°C
(Notes 7 & 10)
0.9
7.2
(Notes 7 & 11)
1.1
8.8
(Notes 8 & 10)
1.1
8.8
(Notes 9 & 10)
1.7
13.6
Thermal Resistance, Junction to Ambient
(Notes 6 & 10)
RJA
179
°C/W
(Notes 7 & 10)
139
(Notes 7 & 11)
113
(Notes 8 & 10)
113
(Notes 9 & 10)
73
Thermal Resistance, Junction to Lead
(Note 12)
RJL
95.50
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 13)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device surface mounted on 15mm x 15mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
7. Same as Note 6, except the device is surface mounted on 25mm x 25mm 1oz copper.
8. Same as Note 6, except the device is surface mounted on 50mm x 50mm 2oz copper.
9. Same as Note 8, except the device is measured at t < 5 seconds.
10. For device with one active die, both collectors attached to a common heatsink.
11. For device with two active dice running at equal power, split heatsink 50% to each collector.
12. Thermal resistance from junction to solder-point (at the end of the collector lead).
13. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - ZXTD09N50DE6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD09N50DE6TA ZETEX-ZXTD09N50DE6TA Datasheet
288Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD09N50DE6TA DIODES-ZXTD09N50DE6TA Datasheet
298Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTD09N50DE6TC ZETEX-ZXTD09N50DE6TC Datasheet
288Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD09N50DE6TC DIODES-ZXTD09N50DE6TC Datasheet
298Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXTD09N50DE6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD2090E6 DIODES-ZXTD2090E6_15 Datasheet
646Kb / 7P
   50V DUAL NPN LOW SATURATION SWITCHING TRANSISTOR IN SOT26
DSS4160DS DIODES-DSS4160DS_15 Datasheet
243Kb / 7P
   60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
DSS4160DS DIODES-DSS4160DS Datasheet
243Kb / 7P
   60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
November 2013
ZXTD619MC DIODES-ZXTD619MC_15 Datasheet
222Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTD619MC DIODES-ZXTD619MC Datasheet
193Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT10P20DE6 DIODES-ZXT10P20DE6_15 Datasheet
434Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT13P40DE6 DIODES-ZXT13P40DE6_15 Datasheet
648Kb / 7P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT10P12DE6 DIODES-ZXT10P12DE6_15 Datasheet
438Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
logo
Zetex Semiconductors
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com