Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3773 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3773
Description  NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3773_13 Datasheet HTML 1Page - ON Semiconductor 2N3773_13 Datasheet HTML 2Page - ON Semiconductor 2N3773_13 Datasheet HTML 3Page - ON Semiconductor 2N3773_13 Datasheet HTML 4Page - ON Semiconductor 2N3773_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N3773
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 3)
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 0.2 Adc, IB = 0)
VCEO(sus)
140
Vdc
Collector−Emitter Sustaining Voltage (Note 4)
(IC = 0.1 Adc, VBE(off) = 1.5 Vdc, RBE = 100 Ohms)
VCEX(sus)
160
Vdc
Collector−Emitter Sustaining Voltage
(IC = 0.2 Adc, RBE = 100 Ohms)
VCER(sus)
150
Vdc
Collector Cutoff Current (Note 4)
(VCE = 120 Vdc, IB = 0)
ICEO
10
mAdc
Collector Cutoff Current (Note 4)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
2
10
mAdc
Collector Cutoff Current
(VCB = 140 Vdc, IE = 0)
ICBO
2
mAdc
Emitter Cutoff Current (Note 4)
(VBE = 7 Vdc, IC = 0)
IEBO
5
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 8 Adc, VCE = 4 Vdc) (Note 4)
(IC = 16 Adc, VCE = 4 Vdc)
hFE
15
5
60
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 800 mAdc) (Note 4)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4
Vdc
Base−Emitter On Voltage (Note 4)
(IC = 8 Adc, VCE = 4 Vdc)
VBE(on)
2.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common−Emitter
Small−Signal, Short−Circuit, Forward Current Transfer Ratio
(IC = 1 A, f = 50 kHz)
|hfe|
4
Small−Signal Current Gain (Note 4)
(IC = 1 Adc, VCE = 4 Vdc, f = 1 kHz)
hfe
40
SECOND BREAKDOWN CHARACTERISTICS
Second Breakdown Collector Current with Base Forward Biased
t = 1 s (non−repetitive), VCE = 100 V, See Figure 12
IS/b
1.5
Adc
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%.
4. Indicates JEDEC Registered Data.
ORDERING INFORMATION
Device
Package
Shipping
2N3773G
TO−204
(Pb−Free)
100 Unit / Tray
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.


Similar Part No. - 2N3773_13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N3773 JMNIC-2N3773_15 Datasheet
178Kb / 3P
   Silicon NPN Power Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_15 Datasheet
186Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Inchange Semiconductor ...
2N3773 ISC-2N3773_17 Datasheet
220Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2N3773_13

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
2SC5200 THINKISEMI-2SC5200 Datasheet
424Kb / 2P
   150 Watt Silicon NPN Power Transistors
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192_05 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC637 NXP-BC637 Datasheet
161Kb / 15P
   60 V, 1 A NPN medium power transistors
Rev. 07-25 June 2007
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Nexperia B.V. All right...
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCX56T_SER NEXPERIA-BCX56T_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com