Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT5252 Datasheet(PDF) 4 Page - P-tec Corporation

Part # PLBT5252
Description  High Power 5252 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT5252 Datasheet(HTML) 4 Page - P-tec Corporation

  PLBT5252 Datasheet HTML 1Page - P-tec Corporation PLBT5252 Datasheet HTML 2Page - P-tec Corporation PLBT5252 Datasheet HTML 3Page - P-tec Corporation PLBT5252 Datasheet HTML 4Page - P-tec Corporation PLBT5252 Datasheet HTML 5Page - P-tec Corporation PLBT5252 Datasheet HTML 6Page - P-tec Corporation PLBT5252 Datasheet HTML 7Page - P-tec Corporation PLBT5252 Datasheet HTML 8Page - P-tec Corporation PLBT5252 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.p-tec.net
102214 Rev0 JAS
Page 4 of 15
Device Selection Guide
Luminous Flux (Lm)
(350mA)
Wavelength(nm)/CCT(K
(350mA)
Forward Voltage
(V)(350mA)
Part Number
Color
Min
Max
Min
Max
Min
Max
Cool white
65
90
5000
8220
2.8
3.4
Red
30
55
620
630
2.0
2.6
Green
60
90
520
530
2.6
3.2
PLBT52523W-
YDCWRGB
(Flat Lens)
Blue
14
24
455
465
2.8
3.4
Cool white
65
90
5000
8220
2.8
3.4
Red
30
55
620
630
2.0
2.6
Green
60
90
520
530
2.6
3.2
PLBT5252R3W-
YDCWRGB
(Round Lens)
Blue
14
24
455
465
2.8
3.4
Warm white
65
90
5000
8220
2.8
3.4
Red
30
55
620
630
2.0
2.6
Green
60
90
520
530
2.6
3.2
PLBT52523W-
YDWWRGB1
(Flat Lens)
Blue
14
24
455
465
2.8
3.4
Cool white
65
90
5000
8220
2.8
3.4
Red
30
55
620
630
2.0
2.6
Green
60
90
520
530
2.6
3.2
PLBT52523W-
YDCWRGB2
(Flat Lens)
Blue
14
24
455
465
2.8
3.4
Notes:
1.
Forward voltage (VF)±0.05V, Luminous flux (фv) ±5%
2.
IS standard testing.
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Forward Current (note1)
If
-
350
1000
mA
Pulse Forward Current (note2)
Ipf
-
-
1200
mA
Forward Voltage (350mA) White
VF
2.8
-
3.4
V
Forward Voltage (350mA) Red
VF
2.0
-
2.6
V
Forward Voltage (350mA) Green
VF
2.6
-
3.2
V
Forward Voltage (350mA) Blue
VF
2.8
-
3.4
V
Reverse Voltage
Vr
-
-5
-
V
Leakage Current (5V)
Ir
-
-
10
µA
Junction Temperature (note3)
Tj
-
150
-
°C
Storage Temperature Range
Tstg
-40
-
100
°C
Soldering Temperature
Tsol
-
-
260
°C
Thermal resistance Junction/Solder Point
Rth
4
-
6
°C/W
Viewing Angle
2θ1/2
-
120/130
-
Deg
Notes:
1.
For other ambient, limited setting of current will depend on de-rating curves.
2.
D=0.01s duty 1/10.
3.
When drive on maximum current , Tj must be kept below 150
4.
Viewing angle (2θ1/2) ±10°


Similar Part No. - PLBT5252

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-W P-TEC-PLBT5050-W Datasheet
1Mb / 9P
   5.0x5.0x1.6mm SMD
PLBT5050-WCB12 P-TEC-PLBT5050-WCB12 Datasheet
999Kb / 11P
   Square SMD
PLBT5050-WCG72 P-TEC-PLBT5050-WCG72 Datasheet
1,000Kb / 11P
   Square SMD
PLBT5050-WCP32 P-TEC-PLBT5050-WCP32 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCR08 P-TEC-PLBT5050-WCR08 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
More results

Similar Description - PLBT5252

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com