Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT5050-WCG72 Datasheet(PDF) 8 Page - P-tec Corporation

Part # PLBT5050-WCG72
Description  Square SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT5050-WCG72 Datasheet(HTML) 8 Page - P-tec Corporation

Back Button PLBT5050-WCG72 Datasheet HTML 3Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 4Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 5Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 6Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 7Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 8Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 9Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 10Page - P-tec Corporation PLBT5050-WCG72 Datasheet HTML 11Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
 www.p‐tec.net                                                                  040715 Rev1 JAS                                                                        Page 8 of 11 
5050 Single-Color High Performance SMD Top LEDs Packaging Specifications
Packaging specifications
NOTES:
Reeled products (The most numbers of products are 1,000pcs) packed in a seal off moisture-proof bag
along with a desiccant one by one, Five moisture-proof bag of maximums (total maximum number of products
are5,000pcs) packed in an inside box (size: about 238mm x about 194mm x about 102mm) and four inside
boxes of maximums are put in the outside box (size: about 410mm x about 254mm x about 229mm) Together
with buffer material, and it is packed. (Part No., Lot No., quantity should appear on the label on the moisture-
proof bag, part No. And quantity should appear on the inspection request form on the cardboard box.) .


Similar Part No. - PLBT5050-WCG72

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-WCB12 P-TEC-PLBT5050-WCB12 Datasheet
999Kb / 11P
   Square SMD
PLBT5050-WCP32 P-TEC-PLBT5050-WCP32 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCR08 P-TEC-PLBT5050-WCR08 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCRGB-BF P-TEC-PLBT5050-WCRGB-BF Datasheet
47Kb / 1P
   PLBT5050 Series SMD LED Tri-color Package
PLBT5050-WCY23 P-TEC-PLBT5050-WCY23 Datasheet
960Kb / 11P
   Square SMD
More results

Similar Description - PLBT5050-WCG72

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-WCY23 P-TEC-PLBT5050-WCY23 Datasheet
960Kb / 11P
   Square SMD
PLBT5050-WCB12 P-TEC-PLBT5050-WCB12 Datasheet
999Kb / 11P
   Square SMD
logo
Frontier Electronics.
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
logo
Bourns Electronic Solut...
3269 BOURNS-3269 Datasheet
137Kb / 2P
   Square SMD Trimming Potentiometer
logo
Frontier Electronics.
1812SDF FRONTIER-1812SDF_15 Datasheet
122Kb / 1P
   SMD SQUARE DRUM INDUCTORS
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
SQAC0806 ALLIED-SQAC0806 Datasheet
713Kb / 1P
   SMD Square Air Core Inductors
SQAC2222 ALLIED-SQAC2222 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
SQAC0807 ALLIED-SQAC0807 Datasheet
883Kb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com