Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT3535R-WCCW Datasheet(PDF) 9 Page - P-tec Corporation

Part # PLBT3535R-WCCW
Description  Round Lens 3535 SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT3535R-WCCW Datasheet(HTML) 9 Page - P-tec Corporation

  PLBT3535R-WCCW Datasheet HTML 1Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 2Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 3Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 4Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 5Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 6Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 7Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 8Page - P-tec Corporation PLBT3535R-WCCW Datasheet HTML 9Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
 
 
www.p-tec.net
102914 Rev0 MS
Page 9 of 9
Record Of Revisions
Rev.
Comments
Page
Date
0
Released Spec
--
04/24/14
1
Added new logo
--
10/29/14
Customer Approval
Signatures
Approved By
Checked By
Prepared By


Similar Part No. - PLBT3535R-WCCW

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3535R-WCNW P-TEC-PLBT3535R-WCNW Datasheet
730Kb / 8P
   Round Lens SMD
More results

Similar Description - PLBT3535R-WCCW

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3535R-WCNW P-TEC-PLBT3535R-WCNW Datasheet
730Kb / 8P
   Round Lens SMD
PL1010SR-WCCW P-TEC-PL1010SR-WCCW Datasheet
33Kb / 1P
   Round Lens High Power White SMD LED
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
   SJ-3535
logo
P-tec Corporation
PL1010SR-WCWW P-TEC-PL1010SR-WCWW Datasheet
33Kb / 1P
   Round Lens High Power Warm White SMD LED
PL011-CDR12 P-TEC-PL011-CDR12_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
PL011-CDY01 P-TEC-PL011-CDY01_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
logo
List of Unclassifed Man...
HUUV-5101L ETC2-HUUV-5101L Datasheet
25Kb / 1P
   5 mm Round Lens
logo
P-tec Corporation
PL011-CDG13 P-TEC-PL011-CDG13_14 Datasheet
75Kb / 1P
   1.8mm Round Dome Lens
PL011-CDR24 P-TEC-PL011-CDR24_14 Datasheet
76Kb / 1P
   1.8mm Round Dome Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6190-002 AVAGO-ADNS-6190-002 Datasheet
215Kb / 4P
   LaserStream Gaming Round Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com