Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-4-1000F Datasheet(PDF) 1 Page - RF Micro Devices

Part # PS-4-1000F
Description  Low Insertion Loss
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

PS-4-1000F Datasheet(HTML) 1 Page - RF Micro Devices

  PS-4-1000F Datasheet HTML 1Page - RF Micro Devices PS-4-1000F Datasheet HTML 2Page - RF Micro Devices PS-4-1000F Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140313
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
PS-4-1000F
Four-Way Power Divider/Combiner
25MHz to 1000MHz
The PS-4 series is comprised of one 500MHz 4 way divider and two
1000MHz 4 way dividers, either bandwidth is available in either flatpack
or SMA equipped packages. These dividers are known for their
excellent amplitude and phase tracking over wide bandwidths. A signal
at the input divides into four equal, in-phase signals at the outputs. Four
signals at the outputs combine vectorially at the input connector.
Functional Schematic
Package: Flatpack
Features
Low Insertion Loss
High Isolation
Applications
Milcom
Electronic Warfare
Industrial, Scientific, Medical
Aerospace Avionics
Military and Civilian Radar
Satellite Communications
Ordering Information
Contact RFMD authorized sales agent or factory.
PS-4-1000F


Similar Part No. - PS-4-1000F

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PS-4-100B MERRIMAC-PS-4-100B Datasheet
117Kb / 1P
   PHASE SHIFTERS, MANUAL
More results

Similar Description - PS-4-1000F

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2069A-1 RFM-SF2069A-1 Datasheet
61Kb / 2P
   Low Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com