Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1709KC1-C5 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1709KC1-C5
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-C5 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1709KC1-C5 Datasheet HTML 1Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 2Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 3Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 4Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 5Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 6Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 7Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-C5 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
NJG1709KC1
- 3-
nELECTRICAL CHARACTERISTICS 3 (LNA)
GENERAL CONDITIONS: T
a=+25°C, VLNA=2.7V, VMIX=VLO=0V, fRF=1900MHz, PRF=-36dBm,
Z
s=Zl=50Ω, with test circuit 2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
1890
1900
1920
MHz
LNA Voltage
V
LNA
2.5
2.7
4.5
V
LNA Operating Current
I
LNA
P
RF, PLO=OFF
-
3.2
4.1
mA
Small Signal Gain
Gain
14.0
16.0
18.0
dB
Gain Flatness
G
flat
f
RF=1890∼1920MHz
-
0.5
1.0
dB
Noise Figure
NF
-
1.3
1.5
dB
Pout at 1dB Gain
Compression point
P
-1dB
-2.0
0
-
dBm
Output 3rd Order
Intercept point
OIP3
f
RF=1900.0+1900.1MHz
+9.0
+13.0
-
dBm
RF IN VSWR
VSWR
i
-
2.0
-
RF OUT VSWR
VSWR
o
-
2.0
-
nELECTRICAL CHARACTERISTICS 4 (Mixer)
GENERAL CONDITIONS: T
a=+25°C, VLNA=0V, VMIX=VLO=2.7V, fRF=1900MHz, fLO=1660MHz
P
RF=-30dBm, PLO=-15dBm, Zs=Zl=50Ω, with test circuit 2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
1890
1900
1920
MHz
Mixer Voltage
V
MIX
2.5
2.7
4.5
V
Local Amplifier Voltage
V
LO
2.5
2.7
4.5
V
Mixer Operating Current
I
MIX
P
RF, PLO=OFF
-
4.3
5.7
mA
Local Amplifier
Operating Current
I
LO
P
RF, PLO=OFF
-
0.8
1.3
mA
Conversion Gain
G
c
7.0
9.0
-
dB
Noise Figure
NF
-
6.5
9.0
dB
Output 3rd Order
Intercept point
OIP3
f
RF=1900.0+1900.1MHz
+7.0
+11.0
-
dBm
MIXER IN VSWR
VSWR
M
-
1.5
-
LOCAL IN VSWR
VSWR
L
-
1.5
-
IF OUT VSWR
VSWR
I
-
1.5
-


Similar Part No. - NJG1709KC1-C5

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1709KC1-C5

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com