Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130143-0224 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130143-0224
Description  Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130143-0224 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130143-0224 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130143-0224
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Cordset 12 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m (50.0'),
NEMA L5-20 125V, Inline GFCI
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E38085
General
Product Family
Wiring Devices
Series
130143
IP Rating
IP67
NEMA Configuration
NEMA L5-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Cordset
UPC
78678871267
Woodhead
Yes
Physical
Cord Grip Body Size
F3 3/4"
Flange
No
Flip Lid
No
Gender
Male-Female
Length
15.24m (50.0')
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
12/3 SJOW
Current - Maximum per Contact
20.0A
GFCI
Yes-In-line
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
26W47B123IN
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130143Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130143-0224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130143-0221 MOLEX11-130143-0221 Datasheet
49Kb / 1P
   Watertite Cordset 12 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 7.62m
130143-0222 MOLEX11-130143-0222 Datasheet
49Kb / 1P
   Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0223 MOLEX11-130143-0223 Datasheet
49Kb / 1P
   Watertite Cordset 12 Gauge SOOW, 2 Pole/3 Wire
130143-0225 MOLEX11-130143-0225 Datasheet
49Kb / 1P
   Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
130143-0226 MOLEX11-130143-0226 Datasheet
49Kb / 1P
   Watertite Cordset 12 Gauge SOOW, 2 Pole/3 Wire
More results

Similar Description - 130143-0224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130143-0149 MOLEX11-130143-0149 Datasheet
33Kb / 1P
   Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire
1301430149 MOLEX11-1301430149 Datasheet
33Kb / 1P
   Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 30.48m
130143-0153 MOLEX11-130143-0153 Datasheet
49Kb / 1P
   Watertite Cordset 16 Gauge SJOW, 2 Pole/3 Wire
130143-0150 MOLEX11-130143-0150 Datasheet
49Kb / 1P
   Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire
130143-0151 MOLEX11-130143-0151 Datasheet
33Kb / 1P
   Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire
130143-0141 MOLEX11-130143-0141 Datasheet
33Kb / 1P
   Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire
1301430224 MOLEX11-1301430224 Datasheet
33Kb / 1P
   Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m
130143-0143 MOLEX11-130143-0143 Datasheet
49Kb / 1P
   Watertite Cordset 16 Gauge SJOW, 2 Pole/3 Wire
1301430126 MOLEX11-1301430126 Datasheet
33Kb / 1P
   Watertite Cordset 12 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 15.24m, NEMA
130143-0135 MOLEX11-130143-0135 Datasheet
33Kb / 1P
   Watertite Cordset 14 Gauge SJOW, 2 Pole/3 Wire, Cordset Length 7.62m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com