Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA3960 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFHA3960
Description  Broadband Operation DC to 6GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3960 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFHA3960 Datasheet HTML 4Page - RF Micro Devices RFHA3960 Datasheet HTML 5Page - RF Micro Devices RFHA3960 Datasheet HTML 6Page - RF Micro Devices RFHA3960 Datasheet HTML 7Page - RF Micro Devices RFHA3960 Datasheet HTML 8Page - RF Micro Devices RFHA3960 Datasheet HTML 9Page - RF Micro Devices RFHA3960 Datasheet HTML 10Page - RF Micro Devices RFHA3960 Datasheet HTML 11Page - RF Micro Devices RFHA3960 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131206
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 12
RFHA3960
PRELIMINARY
Package Outline and Branding Drawing (Dimensions in millimeters)
Pin Names and Descriptions
Pin
Name
Description
1
N/C
No internal connection.
2
Gate/RFIN
Gate VG-RF Input
3
Gate/RFIN
Gate VG-RF Input
4
N/C
No internal connection.
5
N/C
No internal connection.
6
Drain/RFOUT
Drain VD-RF Output
7
Drain/RFOUT
Drain VD-RF Output
8
N/C
No internal connection.
9
Source
Source-Ground Base
1
5
2
6
3
7
4
8
9


Similar Part No. - RFHA3960

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
   35W Linear GaN on SiC Power Amplifier Die
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
More results

Similar Description - RFHA3960

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
logo
Integrated Device Techn...
F2977 IDT-F2977 Datasheet
3Mb / 18P
   High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
   High Linearity Broadband SP2T 30MHz to 6GHz
logo
Pasternack Enterprises,...
PE3CA1025 PASTERNACK-PE3CA1025 Datasheet
385Kb / 4P
   Operate from DC to 6GHz
PE3CA1027 PASTERNACK-PE3CA1027 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1004 PASTERNACK-PE3CA1004 Datasheet
391Kb / 4P
   Operate from DC to 6GHz
PE3CA1018 PASTERNACK-PE3CA1018 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1000 PASTERNACK-PE3CA1000 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com